Electronic Components Datasheet Search
  English  ▼

X  

B66295G Datasheet(PDF) 2 Page - EPCOS

Part # B66295G
Description  Ferrites and accessories
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B66295G Datasheet(HTML) 2 Page - EPCOS

  B66295G Datasheet HTML 1Page - EPCOS B66295G Datasheet HTML 2Page - EPCOS B66295G Datasheet HTML 3Page - EPCOS B66295G Datasheet HTML 4Page - EPCOS B66295G Datasheet HTML 5Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
09/06
Please read Cautions and warnings and
Important notes at the end of this document.
Core set EELP 64
Combination: ELP 64/10/50 with ELP 64/10/50
■ To IEC 62317-9
■ Delivery mode: single units
Magnetic characteristics (per set)
Σl/A= 0.15 mm–1
le
= 79.9 mm
Ae
= 519 mm2
Amin = 518 mm2
Ve
= 41500 mm3
Approx. weight 210 g/set
Ungapped
Calculation factors (for formulas, see “E cores: general information”)
EELP 64:
Validity range:
K1, K2: 0.10 mm < s < 2.00 mm
K3, K4: 480 nH < AL < 4800 nH
Material
AL value
nH
µ
e
PV
W/set
Ordering code
(per piece)
N49
8000
±30%
980
< 10.7 ( 50 mT, 500 kHz, 100 °C)
B66295G0000X149
N87
12500
±25%
1490
< 26.0 (200 mT, 100 kHz, 100 °C)
B66295G0000X187
Material
Relationship between
air gap – AL value
Calculation of saturation current
K1 (25 °C)
K2 (25 °C)
K3 (25 °C)
K4 (25 °C)
K3 (100 °C)
K4 (100 °C)
N87
820
–0.767
1280
–0.796
1182
–0.873
FEK0345-1
10.2±0.2
53.6±1.1
64±1.3
ELP 64/10/50
B66295
Core (without clamp recess)
ELP 64/10/50



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com