Electronic Components Datasheet Search
  English  ▼

X  

GL3502 Datasheet(PDF) 1 Page - Transys Electronics

Part # GL3502
Description  IN-LINE HIGH CURRENT SILICON BRIDGE RECTIFIERS(VOLTAGE - 50 to 800 Volts CURRENT - 15 to 35 Amperes)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRSYS [Transys Electronics]
Direct Link  http://www.transyselectronics.com
Logo TRSYS - Transys Electronics

GL3502 Datasheet(HTML) 1 Page - Transys Electronics

  GL3502 Datasheet HTML 1Page - Transys Electronics GL3502 Datasheet HTML 2Page - Transys Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
GL1500, 2500, 3500 SERIES
IN-LINE HIGH CURRENT SILICON BRIDGE RECTIFIERS
VOLTAGE - 50 to 800 Volts CURRENT - 15 to 35 Amperes
FEATURES
l
Plastic Case With Heatsink For
Heat Dissipation
l
Surge Overload Ratings to 400
Amperes
l
The plastic package has Underwriters
Laboratory Flammability Classification
94V-O
MECHANICAL DATA
Case: Molded plastic with heatsink
integrally mounted in the bridge
Encapsulation
Weight: 1 ounce, 30 grams
Mounting position: Any
Terminals: Wire Lead 50 mils
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Inductive or resistive Load at 60Hz. For capacitive load derate current by 20%.
All Ratings are for TC=25 unless otherwise specified.
-00
-01
-02
-04
-06
-08
UNITS
Max Recurrent Peak Reverse Voltage
50
100
200
400
600
800
V
Max RMS Input Voltage
35
70
140
280
420
560
V
Max DC Blocking Voltage
50
100
200
400
600
800
V
DC Output Voltage, Resistive Load
30
62
124
250
380
505
V
DC Output Voltage, Capacitive Load
50
100
200
400
600
800
V
GL15
15
A
GL25
25
A
Max Average Forward Current
for Resistive Load
at TC=55
GL35
35
A
GL15
300
A
GL25
300
A
Non-repetitive
Peak Forward Surge Current at
Rated Load
GL35
400
A
GL15 IF 7.5A
GL25
12.5A
1.2
V
Max Forward Voltage
per Bridge Element at
Specified Current
GL35
17.5A
Max Reverse Leakage Current @ TA=25
at Rated DC Blocking Voltage @ TA=100
10
1000
A
I
2t Rating for fusing ( t < 8.3ms )
374 / 664
A
2s
Typical Thermal Resistance (Fig. 3) R JC
2.0
/W
Operating Temperature Range TJ
Storage Temperature Range TA
-55 to +150
GL


Similar Part No. - GL3502

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
GL3502 PANJIT-GL3502 Datasheet
46Kb / 2P
IN-LINE HIGH CURRENT SILICON BRIDGE RECTIFIERS(VOLTAGE - 50 to 800 Volts CURRENT - 15 to 35 Amperes)
More results

Similar Description - GL3502

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
CM1000 PANJIT-CM1000 Datasheet
65Kb / 2P
HIGH CURRENT SILICON BRIDGE RECTIFIERS(VOLTAGE - 50 to 800 Volts CURRENT - 10 to 35 Amperes)
CM1500 PANJIT-CM1500 Datasheet
36Kb / 2P
HIGH CURRENT SILICON BRIDGE RECTIFIERS(VOLTAGE - 50 to 1000 Volts CURRENT - 15 Amperes)
CM1500W PANJIT-CM1500W Datasheet
40Kb / 2P
HIGH CURRENT SILICON BRIDGE RECTIFIERS(VOLTAGE - 50 to 1000 Volts CURRENT - 15 Amperes)
CP2500 PANJIT-CP2500 Datasheet
68Kb / 2P
HIGH CURRENT SILICON BRIDGE RECTIFIERS(VOLTAGE - 50 to 800 Volts CURRENT - 15 to 35 Amperes)
GBPC15005 PANJIT-GBPC15005 Datasheet
39Kb / 2P
HIGH CURRENT SILICON BRIDGE RECTIFIER(VOLTAGE - 50 to 800 Volts CURRENT - 15 Amperes)
GBPC15005W PANJIT-GBPC15005W Datasheet
42Kb / 2P
HIGH CURRENT SILICON BRIDGE RECTIFIER(VOLTAGE - 50 to 800 Volts CURRENT - 15 Amperes)
GBPC25005 PANJIT-GBPC25005 Datasheet
38Kb / 2P
HIGH CURRENT SILICON BRIDGE RECTIFIER(VOLTAGE - 50 to 800 Volts CURRENT - 25 Amperes)
GBPC35005 PANJIT-GBPC35005 Datasheet
38Kb / 2P
HIGH CURRENT SILICON BRIDGE RECTIFIER(VOLTAGE - 50 to 800 Volts CURRENT - 35 Amperes)
GBPC35005W PANJIT-GBPC35005W Datasheet
40Kb / 2P
HIGH CURRENT SILICON BRIDGE RECTIFIER(VOLTAGE - 50 to 1000 Volts CURRENT - 35 Amperes)
GL1500 PANJIT-GL1500 Datasheet
46Kb / 2P
IN-LINE HIGH CURRENT SILICON BRIDGE RECTIFIERS(VOLTAGE - 50 to 800 Volts CURRENT - 15 to 35 Amperes)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com