Electronic Components Datasheet Search
  English  ▼

X  

B66385 Datasheet(PDF) 2 Page - EPCOS

Part # B66385
Description  Ferrites and accessories
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B66385 Datasheet(HTML) 2 Page - EPCOS

  B66385 Datasheet HTML 1Page - EPCOS B66385 Datasheet HTML 2Page - EPCOS B66385 Datasheet HTML 3Page - EPCOS B66385 Datasheet HTML 4Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
09/06
Please read Cautions and warnings and
Important notes at the end of this document.
■ Size based on US lam. size E cores
US designation E 75
■ Delivery mode: single units
Magnetic characteristics (per set)
Σl/A= 0.31 mm–1
le
= 107 mm
Ae
= 340 mm2
Amin = 327 mm2
Ve
= 36400 mm3
Approx. weight 184 g/set
Ungapped
Calculation factors (for formulas, see “E cores: general information”)
Validity range:
K1, K2: 0.10 mm < s < 3.00 mm
K3, K4: 200 nH < AL < 2000 nH
Material
AL value
nH
µ
e
PV
W/set
Ordering code
N27
6300 +30/–20%
1570
< 6.8 (200 mT, 25 kHz, 100 °C)
B66385G0000X127
N87
6900 +30/–20%
1730
< 3.2 (100 mT, 100 kHz, 100 °C)
B66385G0000X187
Material
Relationship between
air gap – AL value
Calculation of saturation current
K1 (25 °C)
K2 (25 °C)
K3 (25 °C)
K4 (25 °C)
K3 (100 °C)
K4 (100 °C)
N27
500
–0.784
821
–0.847
765
–0.865
B66385
Core
E 56/24/19



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com