Electronic Components Datasheet Search
  English  ▼

X  

PCM-9342 Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # PCM-9342
Description  X86 SoC 3.5" SBC with VGA, LCD, LAN, USB, SATA, CF, PC/104
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

PCM-9342 Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  PCM-9342 Datasheet HTML 1Page - Advantech Co., Ltd. PCM-9342 Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.advantech.com/products
Online Download
Board Diagram
PCM-9342
Packing List
Part No.
Description
Quantity
PCM-9342 SBC
1
Startup Manual
1
Utility CD
1
9689000002
MINI JUMPER x 10 PCS PACKAGE (BLACK)
1
1700060202
CABLE 6P-6P-6P PS/2 KB & MOUSE 20cm
1
1700100250
Cable D-SUB 9P TO 10P 2.0 mm ASS'Y COM
Port 25 cm
2
1700260250
Cable 25 cm 25P to 26P ASS'Y LPT Port 2.0 mm 1
1701140201
FLAT 14PIN 2.0 mm Secondary Port 9PIN (M)
20 cm
1
1703100121
Wire 10P 12cm IDC 2.0mm For USB 2 PORT
MBPC USE
1
1700008894
SATA Cable
1
Ordering Information
Model
CPU
SDRAM
DIMM
CRT
LVDS TTL
LAN
Audio USB
2.0
RS-232 RS-232/
422/485
LPT
FDD
Expansion Thermal Operating
Temp
PCM-9342F-64A1E
EVA-X4150 Onboard
64M
1
1
1
1 FE
-
2
3
1
1 (Share FDD)
1 (Share LPT) PC/104
-
0 ~ 60° C
PCM-9342L-64A1E
EVA-X4150 Onboard
64M
-
-
-
1 FE
-
2
3
1
1 (Share FDD)
1 (Share LPT) PC/104
-
0 ~ 60° C
PCM-9342FZ2-64A1E EVA-X4150 Onboard
64M
1
1
1
1 FE
-
2
3
1
1 (Share FDD)
1 (Share LPT) PC/104
-
-40 ~ 85° C
PCM-9342LZ2-64A1E EVA-X4150 Onboard
64M
-
-
-
1 FE
-
2
3
1
1 (Share FDD)
1 (Share LPT) PC/104
-
-40 ~ 85° C
EVA-X4150
x86 SoC
VGA Chip
(SMI SM712)
18 bit LVDS
Connector
24 bit TTL
Connector
VGA
Connector
SATA
Connector x 2
IDE to SATA
CompactFlash
PS2 KB&MS
Watchdog
TTL to LVDS
Super I/O
LPC
LPT or FDD
64M
SDRAM
PCI
PCI
Primary IDE
Secondary IDE
PC/104
Connector
ISA
LAN1 & RJ45
(RTL8100CL)
USB 2.0 x 2
USB
Connector
COM1/COM2
SPI
BIOS
COM3/COM4
8-bit -GPIO
Optional Item
Part No.
Description
1700001531
LPT to FDD cable



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com