Electronic Components Datasheet Search
  English  ▼

X  

B66413 Datasheet(PDF) 2 Page - EPCOS

Part # B66413
Description  Ferrites and accessories
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B66413 Datasheet(HTML) 2 Page - EPCOS

  B66413 Datasheet HTML 1Page - EPCOS B66413 Datasheet HTML 2Page - EPCOS B66413 Datasheet HTML 3Page - EPCOS B66413 Datasheet HTML 4Page - EPCOS B66413 Datasheet HTML 5Page - EPCOS B66413 Datasheet HTML 6Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
09/06
Please read Cautions and warnings and
Important notes at the end of this document.
■ E core with flattened, lower center leg
for especially flat transformer design
■ For DC/DC converters
■ Delivery mode: single units
Magnetic characteristics (per set)
Σl/A= 2.27 mm–1
le
= 34 mm
Ae
= 15 mm2
Amin = 12.2 mm2
Ve
= 510 mm3
Approx. weight 2.8 g/set
Ungapped
Gapped
The AL value in the table applies to a core set comprising one ungapped core (dimension g = 0) and
one gapped core (dimension g > 0).
Calculation factors (for formulas, see “E cores: general information”)
Validity range:
K1, K2: 0.10 mm < s < 1.00 mm
K3, K4: 30 nH < AL < 280 nH
Material
AL value
nH
µ
e
PV
W/set
Ordering code
N49
600 +30/–20%
1080
< 0.11 ( 50 mT, 500 kHz, 100 °C)
B66413G0000X149
N87
780 +30/–20%
1400
< 0.28 (200 mT, 100 kHz, 100 °C)
B66413G0000X187
N97
820 +30/–20%
1480
< 0.23 (200 mT, 100 kHz, 100 °C)
B66413G0000X197
Material
AL value
nH
µ
e
g
approx. mm
Ordering code
N87
100
±10%
180
0.17
B66413U0100K187
160
±15%
288
0.08
B66413U0160L187
Material
Relationship between
air gap – AL value
Calculation of saturation current
K1 (25 °C)
K2 (25 °C)
K3 (25 °C)
K4 (25 °C)
K3 (100 °C)
K4 (100 °C)
N87
29.7
–0.676
44.2
–0.796
33.2
–0.873
FEK0417-2
11±0,35
5,3±0,15
15±0,4
B66413
Core
EFD 15/8/5



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com