Electronic Components Datasheet Search
  English  ▼

X  

LPD4012 Datasheet(PDF) 1 Page - Coilcraft lnc.

Part # LPD4012
Description  Coupled Inductors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

LPD4012 Datasheet(HTML) 1 Page - Coilcraft lnc.

  LPD4012 Datasheet HTML 1Page - Coilcraft lnc. LPD4012 Datasheet HTML 2Page - Coilcraft lnc. LPD4012 Datasheet HTML 3Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
© Coilcraft, Inc. 2010
Specifications subject to change without notice.
Please check our website for latest information.
Document 580-1
CoupledInductors–LPD4012
The LPD4012 coupled miniature shielded inductors are
only 1,1 mm high and 4 mm square. Their excellent
coupling coefficient (k
≥ 0.94) makes them ideal for use
in SEPIC applications. In SEPIC topologies, the re-
quired inductance for each winding in a coupled induc-
tor is half the value needed for two separate inductors,
allowing selection of a part with lower DCR and higher
current handling.
These inductors provide high efficiency and excellent
current handling in a rugged, low cost part.
They can also be used as two single inductors con-
nected in series or parallel, as a common mode choke
or as a 1 : 1 transformer.
For SEPIC and other
Applications
0.060
1,52
0.0433 ±0.004
1,10 ±0,10
Dash
number
Internal
code
Dot indicates pin 1
0.155 ±0.003
3,94 ±0,076
0.155 ±0.003
3,94 ±0,076
XXX X
14
23
Recommended
Land Pattern
0.174
4,40
0.103
2,606
0.103
2,606
0.049
1,24
0.049
1,24
0.174
4,40
0.031
0,78
45°
typ
1
4
2
3
Core material Ferrite
Core and winding loss See www.coilcraft.com/coupledloss
Weight 54 – 64 mg
Terminations RoHS compliant silver-palladium-platinum-glass frit.
Other terminations available at additional cost.
Ambient temperature –40°C to +85°C with
Irms current, +85°C to
+125°C with derated current
Storage temperature Component: –40°C to +125°C.
Packaging: –40°C to +80°C
Winding to winding isolation 100 V
Resistance to soldering heat Max three 40 second reflows at
+260°C, parts cooled to room temperature between cycles
Moisture Sensitivity Level (MSL) 1 (unlimited floor life at <30°C /
85% relative humidity)
Failures in Time (FIT) / Mean Time Between Failures (MTBF)
38 per billion hours / 26,315,789 hours, calculated per Telcordia SR-332
Packaging 1000/7
″reel; 3500/13″ reel Plastic tape: 12 mm wide,
0.25 mm thick, 8 mm pocket spacing, 1.32 mm pocket depth
Recommended pick and place nozzle OD: 4 mm; ID:
≤ 2 mm
PCB washing Only pure water or alcohol recommended
Document 580-1
Revised 09/18/09
2
1
4
3
L1
L2
L1
L2
Q1
C1
C2
+
++
––
D1
VOUT
VIN
Load
Typical SEPIC schematic
Refer to Application Note, Document 639,
“Selecting Coupled Inductors for SEPIC Applications”
Dimensions are in
inches
mm


Similar Part No. - LPD4012

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
LPD4012-103MR_ COILCRAFT-LPD4012-103MR_ Datasheet
413Kb / 3P
Coupled Inductors
LPD4012-104MR_ COILCRAFT-LPD4012-104MR_ Datasheet
413Kb / 3P
Coupled Inductors
LPD4012-124MR_ COILCRAFT-LPD4012-124MR_ Datasheet
413Kb / 3P
Coupled Inductors
LPD4012-152NR_ COILCRAFT-LPD4012-152NR_ Datasheet
413Kb / 3P
Coupled Inductors
LPD4012-153MR_ COILCRAFT-LPD4012-153MR_ Datasheet
413Kb / 3P
Coupled Inductors
More results

Similar Description - LPD4012

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
LPR4012-202AML COILCRAFT-LPR4012-202AML Datasheet
210Kb / 2P
Coupled Inductors
MSD1278T COILCRAFT-MSD1278T Datasheet
238Kb / 3P
Coupled Inductors
MSD1260-103MLD COILCRAFT-MSD1260-103MLD Datasheet
251Kb / 3P
Coupled Inductors
LPD4012 COILCRAFT-LPD4012_15 Datasheet
413Kb / 3P
Coupled Inductors
LPD5010 COILCRAFT-LPD5010 Datasheet
433Kb / 3P
Coupled Inductors
LPD6235 COILCRAFT-LPD6235 Datasheet
453Kb / 3P
Coupled Inductors
MSC1278 COILCRAFT-MSC1278 Datasheet
235Kb / 2P
Coupled Inductors
MSD1048 COILCRAFT-MSD1048 Datasheet
512Kb / 3P
Coupled Inductors
MSD1260 COILCRAFT-MSD1260_15 Datasheet
513Kb / 3P
Coupled Inductors
MSD7342 COILCRAFT-MSD7342_15 Datasheet
431Kb / 3P
Coupled Inductors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com