Electronic Components Datasheet Search
  English  ▼

X  

B82131 Datasheet(PDF) 6 Page - EPCOS

Part # B82131
Description  Inductors
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B82131 Datasheet(HTML) 6 Page - EPCOS

  B82131 Datasheet HTML 1Page - EPCOS B82131 Datasheet HTML 2Page - EPCOS B82131 Datasheet HTML 3Page - EPCOS B82131 Datasheet HTML 4Page - EPCOS B82131 Datasheet HTML 5Page - EPCOS B82131 Datasheet HTML 6Page - EPCOS B82131 Datasheet HTML 7Page - EPCOS B82131 Datasheet HTML 8Page - EPCOS B82131 Datasheet HTML 9Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
6
03/08
Impedance |Z| versus frequency f
measured with impedance analyzer Agilent 4294A or S-parameter network analyzer
Agilent 8753ES, typical values at 20 °C
B82131A5***M000
B82133A5***M000
B82132A5***M000
B82134A5***M000
IND0146-1
10 6
f
10 7
10 8
10 9
Hz
Z
||
10 0
Ω
A5402
1
10
2
10
3
10
4
10
5
10
6
10
A5302
A5202
A5152
A5701
A5151
A5301
A5401
B82131
IND0148-6
10 6
f
10 7
10 8
10 9
Hz
Z
||
10 0
Ω
1
10
2
10
3
10
4
10
5
10
6
10
A5151
A5301
A5701
A5401
A5302
A5402
A5202
A5152
B82133
IND0147-5
10 6
f
10 7
10 8
10 9
Hz
Z
||
10 0
Ω
1
10
2
10
3
10
4
10
5
10
6
10
A5151
A5301
A5401
A5701
A5202
A5152
A5402
A5302
B82132
IND0149-9
10 6
f
10 7
10 8
10 9
Hz
Z
||
10 0
Ω
1
10
2
10
3
10
4
10
5
10
6
10
A5152
A5202
A5302
A5401
A5701
A5301
A5151
B82134
B82131 … B82134
VHF chokes



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com