Electronic Components Datasheet Search
  English  ▼

X  

B82141A Datasheet(PDF) 2 Page - EPCOS

Part # B82141A
Description  Inductors
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B82141A Datasheet(HTML) 2 Page - EPCOS

  B82141A Datasheet HTML 1Page - EPCOS B82141A Datasheet HTML 2Page - EPCOS B82141A Datasheet HTML 3Page - EPCOS B82141A Datasheet HTML 4Page - EPCOS B82141A Datasheet HTML 5Page - EPCOS B82141A Datasheet HTML 6Page - EPCOS B82141A Datasheet HTML 7Page - EPCOS B82141A Datasheet HTML 8Page - EPCOS B82141A Datasheet HTML 9Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2
03/08
Please read Cautions and warnings and
Important notes at the end of this document.
SBC choke (Small Bobbin Core)
Rated inductance 1
µH to 1000 µH
Rated current 55 mA to 725 mA
Construction
■ Mini ferrite drum core
■ Winding: enamel copper wire
■ Flame-retardant lacquer coating
Features
■ Small size
■ Relatively high rated current
■ Suitable for wave soldering
■ RoHS-compatible
Applications
■ RF blocking and filtering
■ Decoupling and interference suppression
■ For electronic household appliances,
automotive and entertainment electronics
Terminals
■ Central axial leads (B82141A)
■ Radially bent to 5 mm lead spacing (B82141B)
■ Base material CuAg0.1
■ Hot-dipped with pure tin
Marking
Inductance indicated by color bands to IEC 60062
Delivery mode and packing units
■ Taped, Ammo and reel packing
■ Packing units:
Ammo
(pcs./pack.)
Reel
(pcs./reel)
Axial
5000
5000
Radial
2500
2000
B82141A
B82141B
B82141A, B82141B
RF chokes
SBC series, 3.0
× 6.8 (mm)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com