Electronic Components Datasheet Search
  English  ▼

X  

ACE150X Datasheet(PDF) 10 Page - ACE Technology Co., LTD.

Part # ACE150X
Description  150KHz,2A, PWM Step-Down DC/DC Converter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE150X Datasheet(HTML) 10 Page - ACE Technology Co., LTD.

Back Button ACE150X Datasheet HTML 5Page - ACE Technology Co., LTD. ACE150X Datasheet HTML 6Page - ACE Technology Co., LTD. ACE150X Datasheet HTML 7Page - ACE Technology Co., LTD. ACE150X Datasheet HTML 8Page - ACE Technology Co., LTD. ACE150X Datasheet HTML 9Page - ACE Technology Co., LTD. ACE150X Datasheet HTML 10Page - ACE Technology Co., LTD. ACE150X Datasheet HTML 11Page - ACE Technology Co., LTD. ACE150X Datasheet HTML 12Page - ACE Technology Co., LTD. ACE150X Datasheet HTML 13Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
 
                                                                                                                  
ACE150X
                        Technology
150KHz,2A ,PWM Step-Down DC/DC Converter
VER 1.2
10
ACE150X Threshold voltage vs. Temperature,
ACE150X ON/OFF Current vs. ON/OFF Voltage
(Vcc=12V,Io=100mA)
(Vin=12V)
ACE150X Frequency vs. Temperature,
ACE150X Feedback Current vs. Temperature
(Vcc=12V,Io=100mA, Vout=5V)
(Vcc=12V,Vout=5V,VFB=1.3V)
ACE150X Output Voltage vs. Temperature,
(Vcc=12V,Io=2A)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com