Electronic Components Datasheet Search
  English  ▼

X  

ACE507A Datasheet(PDF) 1 Page - ACE Technology Co., LTD.

Part # ACE507A
Description  Precise Low Dropout Voltage Regulator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE507A Datasheet(HTML) 1 Page - ACE Technology Co., LTD.

  ACE507A Datasheet HTML 1Page - ACE Technology Co., LTD. ACE507A Datasheet HTML 2Page - ACE Technology Co., LTD. ACE507A Datasheet HTML 3Page - ACE Technology Co., LTD. ACE507A Datasheet HTML 4Page - ACE Technology Co., LTD. ACE507A Datasheet HTML 5Page - ACE Technology Co., LTD. ACE507A Datasheet HTML 6Page - ACE Technology Co., LTD. ACE507A Datasheet HTML 7Page - ACE Technology Co., LTD. ACE507A Datasheet HTML 8Page - ACE Technology Co., LTD. ACE507A Datasheet HTML 9Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
 
                                                                                                                  
ACE507A
                        Technology
Precise Low Dropout Voltage Regulator
 
VER 1.6
1 
Description
The ACE507A series are precise, low power consumption, positive voltage regulators manufactured
using CMOS and laser trimming technologies. The series provides large currents with a significantly small
dropout voltage. The ACE507A consists of a current limit circuit, a driver transistor a precision reference
voltage and an error correction circuit. The series is compatible with low ESR ceramic capacitors. The
current limiter’s foldback circuit also operates as a short protect for the output current limiter and the
output pin. Output voltage can be set internally by laser trimming technologies. It is selectable in 100mV
Increments with a range of 1.2V to 5.0V. SOT-89-3 and SOT-23-3 packages are available.
Features
• Output Voltage selectable in 100mV steps (1.2V to 5.0V)
• Highly Accurate
• Low Dropout Voltage
• Low Power Consumption
• Internal current limiting and short protecting
• Small packages
Application
• Battery Powered equipment
• Cameras, Video cameras
• Reference Voltage Source
• Mobile phones
• Communication tools
Functional Block Diagram


Similar Part No. - ACE507A

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE507A ACE-ACE507A Datasheet
557Kb / 9P
Precise Low Dropout Voltage Regulator
VER 1.7
ACE507A15AMA+H ACE-ACE507A15AMA+H Datasheet
557Kb / 9P
Precise Low Dropout Voltage Regulator
VER 1.7
ACE507A15AMB+H ACE-ACE507A15AMB+H Datasheet
557Kb / 9P
Precise Low Dropout Voltage Regulator
VER 1.7
ACE507A15BM+H ACE-ACE507A15BM+H Datasheet
557Kb / 9P
Precise Low Dropout Voltage Regulator
VER 1.7
ACE507A33AMA+H ACE-ACE507A33AMA+H Datasheet
557Kb / 9P
Precise Low Dropout Voltage Regulator
VER 1.7
More results

Similar Description - ACE507A

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA78DL05BS TOSHIBA-TA78DL05BS Datasheet
255Kb / 7P
LOW DROPOUT VOLTAGE REGULATOR
TA78DL05F TOSHIBA-TA78DL05F Datasheet
332Kb / 9P
LOW DROPOUT VOLTAGE REGULATOR
TA78DS05BP TOSHIBA-TA78DS05BP Datasheet
303Kb / 8P
LOW DROPOUT VOLTAGE REGULATOR
logo
New Japan Radio
NJM2886 NJRC-NJM2886 Datasheet
156Kb / 8P
LOW DROPOUT VOLTAGE REGULATOR
NJM2870 NJRC-NJM2870 Datasheet
166Kb / 9P
LOW DROPOUT VOLTAGE REGULATOR
NJM2881 NJRC-NJM2881 Datasheet
219Kb / 10P
LOW DROPOUT VOLTAGE REGULATOR
NJM2865 NJRC-NJM2865 Datasheet
175Kb / 10P
LOW DROPOUT VOLTAGE REGULATOR
logo
ACE Technology Co., LTD...
ACE507A ACE-ACE507A_11 Datasheet
557Kb / 9P
Precise Low Dropout Voltage Regulator
VER 1.7
logo
New Japan Radio
NJM2845DL1-33-TE1 NJRC-NJM2845DL1-33-TE1 Datasheet
290Kb / 16P
LOW DROPOUT VOLTAGE REGULATOR
logo
ACE Technology Co., LTD...
ACE507A ACE-ACE507A_14 Datasheet
639Kb / 8P
Precise Low Dropout Voltage Regulator
VER 2.0
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com