Electronic Components Datasheet Search
  English  ▼

X  

B82765C Datasheet(PDF) 4 Page - EPCOS

Part # B82765C
Description  Power line chokes
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B82765C Datasheet(HTML) 4 Page - EPCOS

  B82765C Datasheet HTML 1Page - EPCOS B82765C Datasheet HTML 2Page - EPCOS B82765C Datasheet HTML 3Page - EPCOS B82765C Datasheet HTML 4Page - EPCOS B82765C Datasheet HTML 5Page - EPCOS B82765C Datasheet HTML 6Page - EPCOS B82765C Datasheet HTML 7Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4
10/08
Please read Cautions and warnings and
Important notes at the end of this document.
Technical data and measuring conditions
Characteristics and ordering codes
Rated voltage VR
440/250 V AC (50/60 Hz)
Test voltage Vtest
2500 V AC, 2 s (line/line)
2500 V AC, 2 s (line/case)
Rated temperature TR
60
°C
Rated current IR
Referred to 50 Hz and rated temperature
Rated inductance LR
Measured with Agilent 4284A at 0.1 mA, 20 °C
Measuring frequency: LR ≤ 1 mH = 100 kHz
LR > 1 mH = 10 kHz
Inductance is specified per winding.
Inductance tolerance
±30% at 20 °C
Inductance decrease
ΔL/L
0
< 20% at DC magnetic bias with IR, 20 °C
DC resistance Rtyp
Measured at 20 °C, typical values
Climatic category
40/125/56 (to IEC 60068-1)
Storage conditions (packaged)
–25 °C … +40 °C,
≤ 75% RH
IR
A
LR
mH
Rtyp
m
Ω
Weight
kg
Terminal
Ordering code
16
1.8
20
0.45
2
× 1.18 mm ∅ CuL B82765C0001A005
25
1.3
7
0.75
Litz wire 4.2 mm2
B82765C0002A006
50
1.3
3.75
1.7
Litz wire 11.5 mm2
B82765C0005A007
75
0.9
2.5
6.5
Litz wire 16.7 mm2
B82765C0006A011
B82765C
Power line chokes
Current-compensated ring core quad chokes



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com