Electronic Components Datasheet Search
  English  ▼

X  

74LVC1T45GF Datasheet(PDF) 24 Page - NXP Semiconductors

Part # 74LVC1T45GF
Description  Dual supply translating transceiver; 3-state
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVC1T45GF Datasheet(HTML) 24 Page - NXP Semiconductors

Back Button 74LVC1T45GF Datasheet HTML 20Page - NXP Semiconductors 74LVC1T45GF Datasheet HTML 21Page - NXP Semiconductors 74LVC1T45GF Datasheet HTML 22Page - NXP Semiconductors 74LVC1T45GF Datasheet HTML 23Page - NXP Semiconductors 74LVC1T45GF Datasheet HTML 24Page - NXP Semiconductors 74LVC1T45GF Datasheet HTML 25Page - NXP Semiconductors 74LVC1T45GF Datasheet HTML 26Page - NXP Semiconductors 74LVC1T45GF Datasheet HTML 27Page - NXP Semiconductors 74LVC1T45GF Datasheet HTML 28Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 30 page
background image
74LVC_LVCH1T45_2
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 02 — 19 January 2010
24 of 30
NXP Semiconductors
74LVC1T45; 74LVCH1T45
Dual supply translating transceiver; 3-state
14.3 Power-up considerations
The device is designed such that no special power-up sequence is required other than
GND being applied first.
14.4 Enable times
Calculate the enable times for the 74LVC1T45; 74LVCH1T45 using the following formulas:
• tPZH (DIR to A) = tPLZ (DIR to B) + tPLH (B to A)
• tPZL (DIR to A) = tPHZ (DIR to B) + tPHL (B to A)
• tPZH (DIR to B) = tPLZ (DIR to A) + tPLH (A to B)
• tPZL (DIR to B) = tPHZ (DIR to A) + tPHL (A to B)
In a bidirectional application, these enable times provide the maximum delay from the
time the DIR bit is switched until an output is expected. For example, if the 74LVC1T45;
74LVCH1T45 initially is transmitting from A to B, then the DIR bit is switched, the B port of
the device must be disabled before presenting it with an input. After the B port has been
disabled, an input signal applied to it appears on the corresponding A port after the
specified propagation delay.
Table 18.
Typical total supply current (ICC(A) + ICC(B))
VCC(A)
VCC(B)
Unit
0 V
1.8 V
2.5 V
3.3 V
5.0 V
0 V
0
< 1
< 1
< 1
< 1
μA
1.8 V
< 1
< 2
< 2
< 2
2
μA
2.5 V
< 1
< 2
< 2
< 2
< 2
μA
3.3 V
< 1
< 2
< 2
< 2
< 2
μA
5.0 V
< 1
2
< 2
< 2
< 2
μA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com