Electronic Components Datasheet Search
  English  ▼

X  

PCM-232 Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # PCM-232
Description  TV-out/Audio Module
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

PCM-232 Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  PCM-232 Datasheet HTML 1Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Stackable SBCs
All product specifications are subject to change without notice
Last updated : 7-Feb-2007
TV/Audio Module
TV-out Module
PCM-232, PCM-231A/AV
PCM-231A/PCM-231AV
TV-out/Audio Module
 Fits in PCM-9370, PCM-5823 (PCM-231A), PCM-6753 (PCM-231A)
 Size: 37 x 80 mm
Ordering Information
PCM-232-00A1
TV-Out Module for PCM-9372/9373
PCM-231A-00A1
AC Link Audio Module
PCM-231AV-00A1
AC Link Audio/TV-out Module
PCM-232
TV-out module
 Fits in PCM-9372, PCM-9371 & PCM-9373
 Supports both NTSC/PAL, S-video and Composite video
 Supports 640 x 480 and 800 x 600 input resolutions
 Supports Windows® 9x/ME/NT and Windows® XP drivers
 Size : 46 x 85 mm


Similar Part No. - PCM-232

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
PCM-2300MR ADVANTECH-PCM-2300MR Datasheet
281Kb / 1P
MR4A16B, MRAM, 2 MByte, mPCIe
27-Jun-2018
PCM-2300MR-AE ADVANTECH-PCM-2300MR-AE Datasheet
205Kb / 1P
MR4A16B, MRAM, 2 MByte, mPCIe
PCM-2300MR-AE ADVANTECH-PCM-2300MR-AE Datasheet
379Kb / 2P
Intel® Core™ i7/i3/Celeron® Control IPC w/ 2 x GbE, 2 x mPCIe, VGA
10-Feb-2017
PCM-2300MR-AE ADVANTECH-PCM-2300MR-AE Datasheet
2Mb / 2P
Intel® Core™ i7/i5/Celeron® Control IPC With EtherCAT Slice IO Expansion
19-Oct-2020
PCM-2300MR-AE ADVANTECH-PCM-2300MR-AE Datasheet
281Kb / 1P
MR4A16B, MRAM, 2 MByte, mPCIe
27-Jun-2018
More results

Similar Description - PCM-232

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA1216AN TOSHIBA-TA1216AN Datasheet
574Kb / 18P
TV-AUDIO PROCESSOR IC
logo
Unisonic Technologies
UTCPC1353 UTC-UTCPC1353 Datasheet
52Kb / 4P
TV AUDIO PROCESSING CIRCUIT
logo
Fairchild Semiconductor
KSC2383 FAIRCHILD-KSC2383 Datasheet
52Kb / 5P
Color TV Audio Output & Color TV Vertical
logo
Samsung semiconductor
KSD5004 SAMSUNG-KSD5004 Datasheet
35Kb / 1P
COLOR TV HORIZONTAL OUT PUT APPLICATIONS
logo
Linear Integrated Syste...
PC1353 LINEAR-PC1353 Datasheet
55Kb / 4P
TV AUDIO PROCESSING CIRCUIT
logo
Sony Corporation
CXA3785R SONY-CXA3785R Datasheet
452Kb / 47P
Audio Driver for TV
logo
BOSER Technology Co., L...
HS-2605 BOSER-HS-2605 Datasheet
444Kb / 1P
Eden processor Embedded Engine Board with CF, CRT/Panel, TV-Out, LAN, Audio
logo
Infineon Technologies A...
BGF111 INFINEON-BGF111 Datasheet
195Kb / 6P
TV-Out Filter and ESD Protection
V2.0, May 2008
logo
Unisonic Technologies
PC1353 UTC-PC1353_15 Datasheet
97Kb / 5P
TV AUDIO PROCESSING CIRCUIT
logo
First Silicon Co., Ltd
FTC2688 FS-FTC2688 Datasheet
172Kb / 2P
Color TV chroma out pupt circuits
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com