Electronic Components Datasheet Search
  English  ▼

X  

PCM-200 Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # PCM-200
Description  Riser Cards & I/O Modules
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

PCM-200 Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  PCM-200 Datasheet HTML 1Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Embedded Single Board Computers
All product specifications are subject to change without notice
Last updated : 24-Mar-2009
Riser Cards & I/O Modules
PCM-110
1-slot PCI Riser Card for 5.25"
Biscuit SBCs
Fits in PCM-95XX series
Provides bracket to secure with Biscuit SBCs
Size: 103.7 x 56 mm (4.08" x 2.2")
Ordering Information
P/N
Description
PCM-110-00A3E
1-slot PCI riser Card for Biscuit SBCs
PCM-120-00A3E
2-slot PCI riser Card for Biscuit SBCs
PCM-200-00A2E
PCI-104 to PCI Bus Module
PCM-120
2-slot PCI Riser Card for 5.25"
Biscuit SBCs
Fits in PCM-95XX series
Provides bracket to secure with Biscuit SBCs
Size: 103.7 mm x 75.4 mm (4.08" x 3")
Ordering Information
P/N
Description
PCM-110-00A3E
1-slot PCI riser Card for Biscuit SBCs
PCM-120-00A3E
2-slot PCI riser Card for Biscuit SBCs
PCM-200-00A2E
PCI-104 to PCI Bus Module
PCI Riser Card
PCM-200
PCI-104 to PCI Bus Module
Fits in PCM-95XX series
Size: 93.3 mm x 40.9 mm (3.7" x 1.6")
Ordering Information
P/N
Description
PCM-110-00A3E
1-slot PCI riser Card for Biscuit SBCs
PCM-120-00A3E
2-slot PCI riser Card for Biscuit SBCs
PCM-200-00A2E
PCI-104 to PCI Bus Module
PCM-261
LVDS/TTL to DVI Module
Supports 18 and 24-bit LVDS to DVI
Supports 18 or 24-bit TTL LCD to DVI (optional)
Specifications
General
Chipset
Silicon® Image SiI 164; NS DS90CF364
LCD Connector
Hirose Output Connector; DVI
Mechanical and Environmental
Dimensions (L x W)
72 x 62 mm
Weight
0.029 kg (0.064 lb)
Operating Temperature
0 ~ 60° C (32 ~ 140° F)
Operating Humidity
0% ~ 90% relative humidity, non-condensing
Power
Power Supply Voltage
+5 V, ±5%
Ordering Information
Standard
PCM-261L-A0A1E
24-bit LVDS to DVI Module
PCM-261L-B0A1E
18-bit LVDS to DVI Module
PCM-261T-A0A1E
24-bit TTL to DVI Module
Optional Accessories
1700000851
24-bit TTL to 24-bit TTL cable
1700000850
18-bit LVDS to 18-bit LVDS FOR 855GME
1700000853
24-bit LVDS to 24-bit LVDS
1700000827
18-bit LVDS T0 18-bit LVDS
Packing List
1 x User manual
1 x PCM-261 board
I/O Modules


Similar Part No. - PCM-200

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
PCM-200-00A2E ADVANTECH-PCM-200-00A2E Datasheet
805Kb / 1P
PCI-104 to PCI Bus Module
logo
PANDUIT CORP.
PCM-200-224 PANDUIT-PCM-200-224 Datasheet
104Kb / 4P
Pre-Printed Marker Cards PCM Type
logo
Advantech Co., Ltd.
PCM-200 ADVANTECH-PCM-200_12 Datasheet
805Kb / 1P
PCI-104 to PCI Bus Module
More results

Similar Description - PCM-200

ManufacturerPart #DatasheetDescription
logo
Crydom Inc.,
C4_INPUT CRYDOM-C4_INPUT Datasheet
1Mb / 4P
I/O Modules
M_INPUT CRYDOM-M_INPUT Datasheet
456Kb / 4P
I/O Modules
logo
Advantech Co., Ltd.
PCM-233A ADVANTECH-PCM-233A Datasheet
268Kb / 1P
Riser Cards
PCM-410A ADVANTECH-PCM-410A Datasheet
112Kb / 1P
Riser Card & I/O Modules
AIMB-R4104 ADVANTECH-AIMB-R4104 Datasheet
295Kb / 1P
Riser Cards
AIMB-RF10F-01A1E ADVANTECH-AIMB-RF10F-01A1E Datasheet
295Kb / 1P
Riser Cards
PCM-10586-9562E ADVANTECH-PCM-10586-9562E_14 Datasheet
183Kb / 1P
Cable kit , Riser Cards & I/O modules
AIMB-RP10P-01A1E ADVANTECH-AIMB-RP10P-01A1E_14 Datasheet
308Kb / 1P
Riser Cards
logo
List of Unclassifed Man...
RSC-R2UT-2E8R ETC1-RSC-R2UT-2E8R Datasheet
3Mb / 1P
Riser Cards (X9)
logo
Advantech Co., Ltd.
AIMB-RP10P-01A1E ADVANTECH-AIMB-RP10P-01A1E_V01 Datasheet
892Kb / 2P
Riser Cards & Add on Cards
30-Aug-2017
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com