Electronic Components Datasheet Search
  English  ▼

X  

BAS70H Datasheet(PDF) 5 Page - NXP Semiconductors

Part # BAS70H
Description  General-purpose Schottky diodes
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BAS70H Datasheet(HTML) 5 Page - NXP Semiconductors

  BAS70H Datasheet HTML 1Page - NXP Semiconductors BAS70H Datasheet HTML 2Page - NXP Semiconductors BAS70H Datasheet HTML 3Page - NXP Semiconductors BAS70H Datasheet HTML 4Page - NXP Semiconductors BAS70H Datasheet HTML 5Page - NXP Semiconductors BAS70H Datasheet HTML 6Page - NXP Semiconductors BAS70H Datasheet HTML 7Page - NXP Semiconductors BAS70H Datasheet HTML 8Page - NXP Semiconductors BAS70H Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
BAS70_1PS7XSB70_SER_9
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 09 — 13 January 2010
5 of 20
NXP Semiconductors
BAS70 series; 1PS7xSB70 series
General-purpose Schottky diodes
4.
Marking
[1]
* = -: made in Hong Kong
* = p: made in Hong Kong
* = t: made in Malaysia
* = W: made in China
5.
Limiting values
[1]
Tj =25 °C prior to surge.
Table 5.
Marking codes
Type number
Marking code[1]
Type number
Marking code[1]
1PS76SB70
S2
BAS70-05W
75*
1PS79SB70
G
BAS70-06
76*
BAS70
73*
BAS70-06W
76*
BAS70H
AH
BAS70-07
77*
BAS70L
S8
BAS70-07S
77*
BAS70W
73*
BAS70-07V
77
BAS70-04
74*
BAS70VV
N1
BAS70-04W
74*
BAS70XY
70*
BAS70-05
75*
-
-
Table 6.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
Per diode
VR
reverse voltage
-
70
V
IF
forward current
-
70
mA
IFRM
repetitive peak forward
current
tp ≤ 1s; δ≤ 0.5
-
70
mA
IFSM
non-repetitive peak forward
current
tp ≤ 10 ms
[1] -100
mA
Tj
junction temperature
-
150
°C
Tamb
ambient temperature
−65
+150
°C
Tstg
storage temperature
−65
+150
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com