Electronic Components Datasheet Search
  English  ▼

X  

SB70 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # SB70
Description  General-purpose Schottky diodes
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SB70 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button SB70 Datasheet HTML 3Page - NXP Semiconductors SB70 Datasheet HTML 4Page - NXP Semiconductors SB70 Datasheet HTML 5Page - NXP Semiconductors SB70 Datasheet HTML 6Page - NXP Semiconductors SB70 Datasheet HTML 7Page - NXP Semiconductors SB70 Datasheet HTML 8Page - NXP Semiconductors SB70 Datasheet HTML 9Page - NXP Semiconductors SB70 Datasheet HTML 10Page - NXP Semiconductors SB70 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
BAS70_1PS7XSB70_SER_9
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 09 — 13 January 2010
7 of 20
NXP Semiconductors
BAS70 series; 1PS7xSB70 series
General-purpose Schottky diodes
(1) Tamb = 125 °C
(2) Tamb =85 °C
(3) Tamb =25 °C
(4) Tamb = −40 °C
(1) Tamb = 125 °C
(2) Tamb =85 °C
(3) Tamb =25 °C
Fig 1.
Forward current as a function of forward
voltage; typical values
Fig 2.
Reverse current as a function of reverse
voltage; typical values
f=10 kHz
Tamb =25 °C; f = 1 MHz
Fig 3.
Differential forward resistance as a function of
forward current; typical values
Fig 4.
Diode capacitance as a function of reverse
voltage; typical values
10
0
0.2
0.4
0.6
0.8
1
1
IF
(mA)
VF (V)
mra803
(1)
(4)
(2)
(3)
102
10−1
10−2
mra805
1
10
102
0
20406080
VR (V)
IR
(
μA)
(1)
(3)
(2)
10−1
10−2
10−3
10
1
110
rdif
(
Ω)
IF (mA)
mra802
10−1
102
102
103
0
0.5
1
1.5
2
0
204060
80
mra804
Cd
(pF)
VR (V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com