Electronic Components Datasheet Search
  English  ▼

X  

B82799C0 Datasheet(PDF) 2 Page - EPCOS

Part # B82799C0
Description  Data and signal line chokes
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B82799C0 Datasheet(HTML) 2 Page - EPCOS

  B82799C0 Datasheet HTML 1Page - EPCOS B82799C0 Datasheet HTML 2Page - EPCOS B82799C0 Datasheet HTML 3Page - EPCOS B82799C0 Datasheet HTML 4Page - EPCOS B82799C0 Datasheet HTML 5Page - EPCOS B82799C0 Datasheet HTML 6Page - EPCOS B82799C0 Datasheet HTML 7Page - EPCOS B82799C0 Datasheet HTML 8Page - EPCOS B82799C0 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2
10/08
Please read Cautions and warnings and
Important notes at the end of this document.
Rated voltage 42 V AC/80 V DC
Rated inductance 0.011 mH to 0.47 mH
Rated current 200 mA to 300 mA
Construction
■
Current-compensated ring core double choke
■
Ferrite core
■
LCP case (UL 94 V-0)
■
Silicone potting
■
Bifilar winding (B82799C0)
■
Sector winding (B82799S0)
Features
■
150 °C version
■
Qualified to AEC-Q200
■
Suitable for reflow soldering
■
Suitable for conductive adhesion due gold-plated terminals
■
RoHS-compatible
Function
■
B82799C0:
Suppression of asymmetrical interference coupled in on lines,
whereas data signals up to some MHz can pass unaffectedly.
■
B82799S0:
Suppression of asymmetrical and symmetrical interference (by Lstray)
coupled in on lines. The high-frequency portions of the symmetrical
data signal are decreased so far that EMC problems can be
significantly reduced.
Applications
■
Automotive applications, e.g. CAN bus
Terminals
■
Base material CuSn6
■
Layer composition Ni, Ag, Au
■
Electro-plated
Marking
■
Marking on component: Manufacturer, bifilar or sector
winding (coded), L value (nH, coded), date of manufacture (YWWD)
■
Minimum data on reel: Manufacturer, ordering code,
L value and tolerance, quantity, date of packing
Delivery mode and packing unit
■
12-mm blister tape, wound on 330-mm
∅ reel
■
Packing unit: 2500 pcs./reel
B82799C0/S0
Data and signal line chokes
Common-mode chokes, ring core, EIA 1812



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com