Electronic Components Datasheet Search
  English  ▼

X  

B84102K Datasheet(PDF) 3 Page - EPCOS

Part # B84102K
Description  EMC filters
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B84102K Datasheet(HTML) 3 Page - EPCOS

  B84102K Datasheet HTML 1Page - EPCOS B84102K Datasheet HTML 2Page - EPCOS B84102K Datasheet HTML 3Page - EPCOS B84102K Datasheet HTML 4Page - EPCOS B84102K Datasheet HTML 5Page - EPCOS B84102K Datasheet HTML 6Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
2-line filters
B84102K
for general-purpose applications
Technical data and measuring conditions
Rated voltage VR
250 V DC/AC, 50/60 Hz
Rated current IR
Referred to 40
°C ambient temperature
Test voltage Vtest
1414 V DC, 2 s (line/line)
2700 V DC, 2 s (lines/ground)
Leakage current lleak
At 230 V AC, 50 Hz
Climatic category (IEC 60068-1)
25/085/21 (–25
°C/+85 °C/21 days damp heat test)
Weight
Approx. 250 g
Characteristics and ordering codes
VR
AC/DC
V
IR
A
CR
LR
mH
lleak
mA
Ordering code
250
1
2
× 0.22 µF (X2) +
2
× 2500 pF (Y2)
2
× 18
< 0.5
B84102K0030
2
× 0.33 µF (X2) +
2
× 2500 pF (Y2)
2
× 10
< 0.5
B84102K0040
4
× 0.47 µF (X2) +
2
× 2500 pF (Y2)
2
× 4.7
< 0.5
B84102K0050
6
× 0.47 µF (X2) +
2
× 0.033 µF (Y2)
2
× 2.2
< 3.5
B84102K0160
2
2
2
Dimensional drawing
38.5
103
90±0.3
LINE
1.5
PE M4
Terminal blocks 2.5 mm 2
Tightening torque 0.5 Nm
Marking
SSB1066-8-E
Please read Cautions and warnings and
Important notes at the end of this document.
01/06
3



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com