Electronic Components Datasheet Search
  English  ▼

X  

B84103 Datasheet(PDF) 5 Page - EPCOS

Part # B84103
Description  EMC filters
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B84103 Datasheet(HTML) 5 Page - EPCOS

  B84103 Datasheet HTML 1Page - EPCOS B84103 Datasheet HTML 2Page - EPCOS B84103 Datasheet HTML 3Page - EPCOS B84103 Datasheet HTML 4Page - EPCOS B84103 Datasheet HTML 5Page - EPCOS B84103 Datasheet HTML 6Page - EPCOS B84103 Datasheet HTML 7Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
2-line filters
B84103
for general-purpose applications
Insertion loss (typical values at Z = 50
Ω)
unsymmetrical, adjacent branches terminated
common mode, all branches in parallel (asymmetrical)
differential mode (symmetrical)
Filters for 1 A
Filters for 3 A
100
SSB0210-Z
100
SSB0211-8
dB
dB
α
α
80
60
40
20
0
10 4
10 5
10 6
10 7
Hz 10 8
f
Filters for 6 A
SSB0212-G
100
dB
α
80
60
40
20
0
10 4
10 5
10 6
10 7
Hz 10 8
B84103S0001A060
B84103S0001A010
80
60
40
20
0
10 4
10 5
10 6
10 7
Hz 10 8
f
B84103S0001A030
f
Please read Cautions and warnings and
Important notes at the end of this document.
01/06
5



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com