Electronic Components Datasheet Search
  English  ▼

X  

ACE722A Datasheet(PDF) 6 Page - ACE Technology Co., LTD.

Part # ACE722A
Description  2A PWM BUCK DC-DC Converter
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE722A Datasheet(HTML) 6 Page - ACE Technology Co., LTD.

  ACE722A Datasheet HTML 1Page - ACE Technology Co., LTD. ACE722A Datasheet HTML 2Page - ACE Technology Co., LTD. ACE722A Datasheet HTML 3Page - ACE Technology Co., LTD. ACE722A Datasheet HTML 4Page - ACE Technology Co., LTD. ACE722A Datasheet HTML 5Page - ACE Technology Co., LTD. ACE722A Datasheet HTML 6Page - ACE Technology Co., LTD. ACE722A Datasheet HTML 7Page - ACE Technology Co., LTD. ACE722A Datasheet HTML 8Page - ACE Technology Co., LTD. ACE722A Datasheet HTML 9Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
ACE722A
Technology
2A PWM BUCK DC-DC Converter
VER 1.2
6
Temperature (℃)
Output Current (A)
Figure 9. OCP Frequency vs. Temperature
Figure 10. Output Voltage vs. Output Current
Typical Application
(VIN=12V, VOUT=5V, IOUT=2A)
Figure 11. Typical Application 1 of ACE722A Applied with Ceramic Input and Output Capacitors
ACE722A



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com