Electronic Components Datasheet Search
  English  ▼

X  

B84114D Datasheet(PDF) 4 Page - EPCOS

Part # B84114D
Description  EMC filters
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B84114D Datasheet(HTML) 4 Page - EPCOS

  B84114D Datasheet HTML 1Page - EPCOS B84114D Datasheet HTML 2Page - EPCOS B84114D Datasheet HTML 3Page - EPCOS B84114D Datasheet HTML 4Page - EPCOS B84114D Datasheet HTML 5Page - EPCOS B84114D Datasheet HTML 6Page - EPCOS B84114D Datasheet HTML 7Page - EPCOS B84114D Datasheet HTML 8Page - EPCOS B84114D Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
2-line filters
B84114D
SIFI-D for high insertion loss
Characteristics and ordering codes
IR
A
CR
LR
mH
Ileak
mA
Case
style
Approx.
weight
g
Ordering code
Mounting plate
for top-hat rail
(ordering code)
VR = 250 V DC/AC, 50/60 Hz
1
× 0.47 µF (X2)
+
2
× 4700 pF (Y2)
2
×
5.6
< 0.5 A
B
K
L
150
150
210
150
B84114D0000A010
B84114D0000B010
B84114D0000K010
B84114D0000L010
—
C62122A0132B092
—
—
2
× 0.47 µF (X2)
+
2
× 4700 pF (Y2)
2
×
5.6
< 0.5 A
B
L
150
150
150
B84114D0000A020
B84114D0000B020
B84114D0000L020
—
C62122A0132B092
—
3
× 0.47 µF (X2)
+
2
× 4700 pF (Y2)
2
×
5.6
< 0.5 A
B
K
L
150
150
210
150
B84114D0000A030
B84114D0000B030
B84114D0000K030
B84114D0000L030
—
C62122A0132B092
—
—
6
× 0.47 µF (X2)
+
2
× 4700 pF (Y2)
2
×
4.7
< 0.5 A
B
K
L
230
230
290
230
B84114D0000A060
B84114D0000B060
B84114D0000K060
B84114D0000L060
—
C62122A0132B093
—
—
10
2
× 0.68 µF (X2)
+
2
× 4700 pF (Y2)
2
×
4.7
< 0.5 A
B
L
420
420
420
B84114D0000A110
B84114D0000B110
B84114D0000L110
—
C62122A0132B094
—
2
2
2
2
Please read Cautions and warnings and
Important notes at the end of this document.
01/06
4



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com