Electronic Components Datasheet Search
  English  ▼

X  

ACE55527AMC+ Datasheet(PDF) 2 Page - ACE Technology Co., LTD.

Part # ACE55527AMC+
Description  400mA LDO Dropout Voltage Regulator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE55527AMC+ Datasheet(HTML) 2 Page - ACE Technology Co., LTD.

  ACE55527AMC+ Datasheet HTML 1Page - ACE Technology Co., LTD. ACE55527AMC+ Datasheet HTML 2Page - ACE Technology Co., LTD. ACE55527AMC+ Datasheet HTML 3Page - ACE Technology Co., LTD. ACE55527AMC+ Datasheet HTML 4Page - ACE Technology Co., LTD. ACE55527AMC+ Datasheet HTML 5Page - ACE Technology Co., LTD. ACE55527AMC+ Datasheet HTML 6Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
 
                                                                                                                      
ACE555
                        Technology
400mA LDO Dropout Voltage Regulator
VER 1.2
2
Packaging Type
SOT-89-3
1
2
3
Ordering information
Selection Guide
ACE555 XX XXX + H
Block Diagram
Pin
SOT-89-3(A)
SOT-89-3(B)
SOT-89-3(C)
VOUT
1
3
2
GND
2
1
1
VIN
3
2
3
Output Voltage :
1.8V / 2.5V ….. 5.0V
Pb - free
AMA: SOT-89-3
AMB: SOT-89-3
AMC: SOT-89-3
Halogen - free



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com