Electronic Components Datasheet Search
  English  ▼

X  

ACE55535AMC+ Datasheet(PDF) 1 Page - ACE Technology Co., LTD.

Part # ACE55535AMC+
Description  400mA LDO Dropout Voltage Regulator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE55535AMC+ Datasheet(HTML) 1 Page - ACE Technology Co., LTD.

  ACE55535AMC+ Datasheet HTML 1Page - ACE Technology Co., LTD. ACE55535AMC+ Datasheet HTML 2Page - ACE Technology Co., LTD. ACE55535AMC+ Datasheet HTML 3Page - ACE Technology Co., LTD. ACE55535AMC+ Datasheet HTML 4Page - ACE Technology Co., LTD. ACE55535AMC+ Datasheet HTML 5Page - ACE Technology Co., LTD. ACE55535AMC+ Datasheet HTML 6Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
 
                                                                                                                      
ACE555
                        Technology
400mA LDO Dropout Voltage Regulator
VER 1.2
1 
Description
ACE555 is a series of low dropout three terminal regulators with a dropout of 1.22V at 400mA load
current.
Other than a fixed version(Vout=1.8V,2.5V,2.85V,3.3V,5V), ACE555 has an adjustable version, which
can provide an output voltage from 1.25 to 13.8V with only two external resistors.
ACE555 offers thermal shut down and current limit functions, to assure the stability of chip and power
system. And it uses trimming technique to guarantee output voltage accuracy within ±2%.
ACE555 is available in SOT-89-3 power Package. Lead free package is also available on command.
Features
• Other than a fixed version and an adjustable version, output value can be customized on command.
• Maximum output current is 400mA
• Output voltage accuracy is within ±1%
• Range of operation input voltage: Max 18V
• Line regulation: 0.2%
• Load regulation: 0.4%
• Environment Temperature: -50℃~140℃
Application
• Power Management for Computer Mother Board, Graphic Card
• LCD Monitor and LCD TV
• DVD Decode Board
Absolute Maximum Ratings
Parameter
Symbol
Max
Unit
Input voltage
VIN
18
V
Power Dissipation
SOT-89-3
0.5
W
Junction temperature
TJ
150
OC
Environment Temperature
TA
140
OC
Storage temperature
TS
65 to 150
OC


Similar Part No. - ACE55535AMC+

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE555 ACE-ACE555_15 Datasheet
498Kb / 10P
300mA High PSRR, Linear Regulator
VER 1.1
More results

Similar Description - ACE55535AMC+

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2920A MICREL-MIC2920A Datasheet
131Kb / 9P
400mA Low-Dropout Voltage Regulator
logo
Sipex Corporation
SPX1129 SIPEX-SPX1129 Datasheet
222Kb / 8P
400mA Low Dropout Voltage Regulator
SPX2967 SIPEX-SPX2967 Datasheet
98Kb / 12P
400mA Low Dropout Voltage Regulator
SPX2975 SIPEX-SPX2975 Datasheet
88Kb / 8P
400mA Low Dropout Voltage Regulator
logo
SHANGHAI BELLING CO., L...
BL8550 BELLING-BL8550 Datasheet
983Kb / 6P
400mA Low Dropout Voltage Regulator
logo
Micrel Semiconductor
MIC2920A MICREL-MIC2920A_05 Datasheet
406Kb / 12P
400mA Low-Dropout Voltage Regulator
logo
List of Unclassifed Man...
CYT6167 ETC2-CYT6167 Datasheet
1Mb / 7P
400mA CMOS LDO Regulator
logo
Sipex Corporation
SPX1129 SIPEX-SPX1129_07 Datasheet
786Kb / 8P
400mA Low Dropout Voltage Regulator
SPX2975 SIPEX-SPX2975_05 Datasheet
178Kb / 11P
400mA Low Dropout Voltage Regulator
logo
Micrel Semiconductor
MIC2920 MICREL-MIC2920 Datasheet
410Kb / 12P
400mA Low-Dropout Voltage Regulator
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com