Electronic Components Datasheet Search
  English  ▼

X  

EC12 Datasheet(PDF) 1 Page - ALPS ELECTRIC CO.,LTD.

Part # EC12
Description  12mm Size Insulated Shaft Type
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

EC12 Datasheet(HTML) 1 Page - ALPS ELECTRIC CO.,LTD.

  EC12 Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. EC12 Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. EC12 Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. EC12 Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Incremental
Type
Absolute
Type
192
Detector
Push
Slide
Rotary
Encoders
Power
Dual-in-line
Package Type
TACT Switch
TM
Custom-
Products
Product Line
Product No.
Drawing
No.
Minimum
order unit
(pcs.)
Detent torque
(mN・m)
Number
of pulse
Actuator
length
(mm)
2
1,200
1
3
1
3
1
2
3
1
3
1
Vertical
Number
of detent
12
24
Without
Standard
3 to 20
15
20
25
15
17.5
20
25
8.5
(Hollow shaft)
20
25
8.5
(Hollow shaft)
25
20
25
Lightest
(jog)
3
±2
Standard
3 to 20
Lightest
(jog)
3
±2
Lightest
(jog)
10 max.
Standard
25
±15
EC12E1220407
EC12E1220406
EC12E1220405
EC12E1240405
EC12E1240406
EC12E1220301
EC12E1240301
EC12E24204A7
EC12E24204A2
EC12E24204A8
EC12E24204A9
EC12E2420301
EC12E24404A8
EC12E24404A6
EC12E2440301
EC12E2430404
20
EC12E24104A6
EC12E2430401
Operating
force of
switch(N)
Travel of
push-on switch
(mm)
Operating
direction
12
24
8.5
(Hollow shaft)
8.5
(Hollow shaft)
12mm Size Insulated Shaft Type
EC12 Series
Insulated shaft type with a wide variety of applications.
Encoder
0.5mA 5V DC
15,000cycles
30,000cycles
(Lightest(jog)
)
30,000cycles
Rating
Items
Specifications
Operating life
Typical Specifications
Without detent
With detent


Similar Part No. - EC12

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
EC12 SCHURTER-EC12 Datasheet
615Kb / 4P
IEC Appliance Inlet C14 with Filter, Line Switch 2-pole
EC12 SCHURTER-EC12 Datasheet
346Kb / 2P
US Power Cord with IEC Appliance Connector C19, V-Lock, straight
EC12 SCHURTER-EC12 Datasheet
366Kb / 2P
EU Power Cord with IEC Appliance Connector C19, V-Lock, straight
EC12 SCHURTER-EC12 Datasheet
364Kb / 2P
IEC Interconnection Cord with IEC Appliance Connector C19, V-Lock, straight
EC12 SCHURTER-EC12 Datasheet
344Kb / 2P
UK Power Cord with IEC Appliance Connector C19, V-Lock, straight
More results

Similar Description - EC12

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EC12E ETC2-EC12E Datasheet
141Kb / 4P
12mm Size Insulated Shaft Type Encoder Variety
logo
ALPS ELECTRIC CO.,LTD.
EC10E ALPS-EC10E Datasheet
108Kb / 2P
10mm Size Hollow Shaft Type
RK09K ALPS-RK09K Datasheet
307Kb / 7P
9mm Size Insulated Shaft Snap-in Type
RK09Y11L ALPS-RK09Y11L Datasheet
114Kb / 2P
9mm Size Insulated Shaft Long-life Type
RK11K ALPS-RK11K Datasheet
203Kb / 5P
11mm Size Insulated Shaft Snap-in Type
RK12L ALPS-RK12L Datasheet
171Kb / 4P
12mm Size Insulated Shaft Snap-in Type
RK14K ALPS-RK14K Datasheet
220Kb / 5P
14mm Size Insulated Shaft Snap-in Type
EC10E1220505 ALPS-EC10E1220505 Datasheet
258Kb / 2P
10mm Size Hollow Shaft Type
EC12E ALPS-EC12E_15 Datasheet
878Kb / 6P
12mm Size Insulated Shaft Type
EC18A ALPS-EC18A Datasheet
723Kb / 4P
18mm Size Insulated Shaft Type
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com