Electronic Components Datasheet Search
  English  ▼

X  

EC20A Datasheet(PDF) 1 Page - ALPS ELECTRIC CO.,LTD.

Part # EC20A
Description  20mm Size Metal Shaft Type
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

EC20A Datasheet(HTML) 1 Page - ALPS ELECTRIC CO.,LTD.

  EC20A Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. EC20A Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. EC20A Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Operating life
Incremental
Type
Absolute
Type
190
Detector
Push
Slide
Rotary
Encoders
Power
Dual-in-line
Package Type
TACT Switch
TM
Custom-
Products
1.25
3.75
6.25
18.4
1.5
A
3-¿1.2 holes
C
B
B
Photo
No.
1
2
3
Style
PC board mounting hole dimensions
(Viewd from mounting face)
Dimensions
Unit:mm
A
DE
CB
18.4
5
6.25
3.75
1.25
1.5
5п1.2 holes
EC20A
with push-on switch
(travel 1.5mm)
Incremental Type
EC20A
without switch type
Incremental Type
3.75
1.25
6.25
18.4
1.5
21 3
3-¿1.2holes
RK203
without switch type
Potentiometer Type
20mm Size Metal Shaft Type
EC20A/RK203 Series
Heavy torque and comfortable operation feel with compliance to encoder and
potentiometer applications.
Encoder
1. For with switch type, only the incremental type is available.
2. All the potentiometer types can be customized. Contact us with the detailed specifications if you have such requirements.
Notes
1mA 5V DC
0.05W
30,000cycles
Rating
Items
Specifications
Encoder
Potentiometer
Typical Specifications
Product Line
Vertical
Flat
Encoders
30
40
±20
1.5
18
18
EC20A1824401
EC20A1820401
400
Product No.
1
2
Drawing
No.
Minimum
order unit
(pcs.)
Number
of detent
Number
of pulse
Operating
section
Length of
operating section
(mm)
Travel of
push-on switch
(mm)
Operating
direction
Detent
torque
(mN・m)
Vertical
Flat
Potentiometer
30
Shall be in accordance with individual specifications
240°max
RK203110
400
Product No.
3
Drawing
No.
Minimum order unit
(pcs.)
Number
of detent
Rotational
angle
Operating
section
Length of
operating section
(mm)
Operating
direction
Detent
torque
(mN・m)
1.5
10
30
12
3.5
3.5
8
C1
M9×0.75
Mounting
Surface
3-1
(17.8)
15.5
¿3
1
NC NC
NC
NC
3
2
¿20.2
Mounting
surface
10
1.5
10
12
30
Switch travel
C1
3.5
3.5
1.5
¿20.2
15.5
¿3
(17.8)
3Ð1
M9G0.75
ACB
D
E
NCNCNC
B
A C
1.5
10
30
12
3.5
3.5
8
M9
G0.75
C1
3-1
(17.8)
ø20.2
15.5
ø3
NCNCNC
B
A C
Mounting
Surface


Similar Part No. - EC20A

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
EC20A1820401 ALPS-EC20A1820401 Datasheet
235Kb / 3P
20mm Size Metal Shaft Type
EC20A1820401 ALPS-EC20A1820401 Datasheet
924Kb / 5P
20mm Size Metal Shaft Type
EC20A1820401 ALPS-EC20A1820401 Datasheet
1Mb / 5P
Heavy rotation torque and good operational feel, available in potentiometer and encoder types
logo
List of Unclassifed Man...
EC20A1820401 ETC-EC20A1820401 Datasheet
144Kb / 4P
Product Change Notice
June 8, 2020
logo
ALPS ALPINE CO., LTD.
EC20A1820401 ALPSALPINE-EC20A1820401 Datasheet
124Kb / 3P
20mm Size Metal Shaft Type EC20A Series
More results

Similar Description - EC20A

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
EC09E ALPS-EC09E Datasheet
176Kb / 2P
9mm Size Metal Shaft Type
EC11 ALPS-EC11 Datasheet
596Kb / 9P
11mm Size Metal Shaft Type
EM20B ALPS-EM20B Datasheet
127Kb / 3P
20mm Size Metal Shaft Magnetic Type
RK163 ALPS-RK163 Datasheet
278Kb / 6P
16mm Size Metal Shaft Type
RK203 ALPS-RK203 Datasheet
235Kb / 3P
20mm Size Metal Shaft Type
RK27 ALPS-RK27 Datasheet
260Kb / 6P
27mm Size Metal Shaft Type
EC09E ALPS-EC09E_15 Datasheet
764Kb / 4P
9mm Size Metal Shaft Type
EC11 ALPS-EC11_15 Datasheet
1Mb / 14P
11mm Size Metal Shaft Type
EC20A ALPS-EC20A_15 Datasheet
924Kb / 5P
20mm Size Metal Shaft Type
EM11B ALPS-EM11B Datasheet
842Kb / 4P
11mm Size Metal Shaft Magnetic Type
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com