Electronic Components Datasheet Search
  English  ▼

X  

EC28A Datasheet(PDF) 1 Page - ALPS ELECTRIC CO.,LTD.

Part # EC28A
Description  28mm Size Encoder Type
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

EC28A Datasheet(HTML) 1 Page - ALPS ELECTRIC CO.,LTD.

  EC28A Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. EC28A Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Encoder
Type
Potentiometer
Type
456
Hollow Shaft
Type Devices
7.5
3-4
¿28
¿17
3.5
15
4
1.5
10.75
A
B
C
120
$
Product Line
28mm Size Encoder Type
EC28A Series
Vertical
30
15
Without
Product No.
Push-on
switch
Operating
direction
Actuator
length
(mm)
Number
of detent
Number
of pulse
400
15
Detent torque
(mN・m)
12
±7
20
±10
EC28A1550401
7
±5
EC28A1520401
EC28A1560401
Minimum order
unit
(pcs.)
A low-profile unit with 4mm height with good operation feel.
Dimensions
Unit:mm
Style
PC board mounting
hole dimensions
1.6
28.9
5
3-ø1 holes
2-ø1.5 holes
C B
A
Hollow Shaft Type Devices
10mA 5V DC
50,000cycles
50,000cycles
Rating
Items
Specifications
Operating life
Typical Specifications
Without load
With load


Similar Part No. - EC28A

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
EC28A ALPS-EC28A Datasheet
878Kb / 6P
Insulated shaft type with a wide variety of applications
EC28A1520401 ALPS-EC28A1520401 Datasheet
1Mb / 3P
28mm Size Ring Type
logo
List of Unclassifed Man...
EC28A1520401 ETC-EC28A1520401 Datasheet
144Kb / 4P
Product Change Notice
June 8, 2020
logo
ALPS ELECTRIC CO.,LTD.
EC28A1550401 ALPS-EC28A1550401 Datasheet
1Mb / 3P
28mm Size Ring Type
logo
List of Unclassifed Man...
EC28A1550401 ETC-EC28A1550401 Datasheet
144Kb / 4P
Product Change Notice
June 8, 2020
More results

Similar Description - EC28A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EC12E ETC2-EC12E Datasheet
141Kb / 4P
12mm Size Insulated Shaft Type Encoder Variety
logo
ALPS ELECTRIC CO.,LTD.
EC21A ALPS-EC21A Datasheet
170Kb / 2P
21mm Size Encoder Type
EC40A ALPS-EC40A Datasheet
134Kb / 2P
40mm Size Encoder Type
EC45A ALPS-EC45A Datasheet
192Kb / 3P
45mm Size Encoder/Potentiometer
EC60A ALPS-EC60A Datasheet
135Kb / 2P
60mm Size Encoder Type
logo
HOKURIKU ELECTRIC INDUS...
ES11MH227S2 HOKURIKU-ES11MH227S2 Datasheet
128Kb / 1P
Metal Shaft Encoder 11mm Size Type
logo
ALPS ELECTRIC CO.,LTD.
EC28A ALPS-EC28A_15 Datasheet
1Mb / 3P
28mm Size Ring Type
logo
CTS Corporation
288TB24F402A1 CTS-288TB24F402A1 Datasheet
317Kb / 4P
Commercial Miniature 16mm Size Rotary Encoder
logo
Molex Electronics Ltd.
SD-180416-104 MOLEX-SD-180416-104 Datasheet
398Kb / 3P
COB LED HOLDER 28MM X 28MM SQUARE
2020/02/28
logo
MultiDimension Technolo...
TMR3IH17 MULTIDIMENSION-TMR3IH17 Datasheet
721Kb / 4P
Φ17 mm Compact Size Rotary Encoder
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com