Electronic Components Datasheet Search
  English  ▼

X  

ACE1117 Datasheet(PDF) 2 Page - ACE Technology Co., LTD.

Part # ACE1117
Description  1A Positive Voltage Regulators
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE1117 Datasheet(HTML) 2 Page - ACE Technology Co., LTD.

  ACE1117 Datasheet HTML 1Page - ACE Technology Co., LTD. ACE1117 Datasheet HTML 2Page - ACE Technology Co., LTD. ACE1117 Datasheet HTML 3Page - ACE Technology Co., LTD. ACE1117 Datasheet HTML 4Page - ACE Technology Co., LTD. ACE1117 Datasheet HTML 5Page - ACE Technology Co., LTD. ACE1117 Datasheet HTML 6Page - ACE Technology Co., LTD. ACE1117 Datasheet HTML 7Page - ACE Technology Co., LTD. ACE1117 Datasheet HTML 8Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
 
                                                                                                                    
ACE1117
                        Technology
1A Positive Voltage Regulators
VER 1.3
2
Ordering information
Selection Guide
ACE1117 XX XX + H
Electrical Characteristics
VIN.MAX≦8V, VIN.MAX-VOUT=1.5V, IOUT=10mA, CIN=10uF, COUT=22uF, TA=25℃, unless otherwise specified.
Parameter
Symbol
Test Conditions
Min
Typ
Mum
Unit
Output Voltage
(1)
VO
ACE1117-15
ACE1117-18
ACE1117-25
ACE1117-33
ACE1117-50
1.470
1.764
2.450
3.234
4.900
1.5
1.8
2.5
3.3
5.0
1.530
1.836
2.550
3.366
5.100
V
Reference Voltage
(1)
(ADJ. Voltage
Version)
VREF
(VIN-VOUT)=1.5V IOUT=10mA
(-2%) 1.250 (+2%)
V
Line Regulation
(1)
VSR
VOUT+1.5V<VIN<8V IOUT=10mA
0.3
%
Load Regulation
(1)
VLR
(VIN-VOUT)=1.5V 10mA≦IOUT≦1A
0.5
%
Quiescent Current
(2)
IQ
Fixed Output Version
3
mA
Adjust Pin Current
IADJ
65
uA
Adjust Pin Current
Change
IADJ
VOUT+1.5V<VIN<8V 10mA≦IOUT≦1A
14
uA
Dropout Voltage
(3)
VD
IOUT=1A
1.3
V
Minimum Load
Current
IO
0.4
mA
Current Limit
ICL
1.8
A
Temperature
Coefficient
TC
0.07
%/℃
Thermal Protection
OTP
175
RMS Output Noise
VN
TA=25℃, 10Hz≦f≦100kHz
0.003
%VO
Ripple Rejection
Ratio
RA
f=120Hz, COUT=22uF (Tantalum),
(VIN-VOUT)=3V, IOUT=10mA
55
dB
Halogen - free
Output Voltage :
1.5 / 1.8V / 2.5V / 3.3V….. 5.0V / Default: Adjustable Version
Pb - free
XM : SOT-223
YM : TO-252



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com