Electronic Components Datasheet Search
  English  ▼

X  

EC35AH Datasheet(PDF) 1 Page - ALPS ELECTRIC CO.,LTD.

Part # EC35AH
Description  35mm Size ABC Switch
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

EC35AH Datasheet(HTML) 1 Page - ALPS ELECTRIC CO.,LTD.

  EC35AH Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. EC35AH Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Encoder
Type
Potentiometer
Type
457
Hollow Shaft
Type Devices
Hollow-center shaft type capable of composite control.
Dimensions
Unit:mm
Style
PC board mounting hole dimensions
(Viewd from mounting face)
3-6.5
3-3
1.5
15
4.5
3.5
¿35
X
23.2
36.5
2-12
3-3
1.5
5
A B
4-
¿1 holes
3
36
C
D
3-1.5
14.7
35mm Size ABC Switch
EC35AH Series
Hollow Shaft Type Devices
10mA
Maximum operating
current
(Resistive load)
Items
Specifications
Electrical
performance
Output
wave
Typical Specifications
Three phase of A, B and C
Output signal
A signal
Detent position
CW direction
B signal
C signal
OFF
ON
OFF
ON
OFF
ON
Test circuit
5VDC
R
Terminal A
R
Terminal B
R
Terminal C
Test condition Rotation speed
Terminal D
ABC switch
360°
/s
At R = 5 k
Ω Chattering :5ms max.
Bounce: 5ms max.
Sliding
noise
Product Line
15
Vertical
Mount
style
Products No.
EC35AH240403
Length of operating
section
(mm)
30
10
12
±5
EC35AH220403
18
±7
800
Number of
detents
Number of pulse
Detent torque
(mN・m)
Minimum order
unit
(pcs.)


Similar Part No. - EC35AH

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
EC35AH ALPS-EC35AH Datasheet
878Kb / 6P
Insulated shaft type with a wide variety of applications
EC35AH120401 ALPS-EC35AH120401 Datasheet
856Kb / 4P
35mm Size ABC Switch Type
logo
List of Unclassifed Man...
EC35AH120401 ETC-EC35AH120401 Datasheet
144Kb / 4P
Product Change Notice
June 8, 2020
logo
ALPS ELECTRIC CO.,LTD.
EC35AH220403 ALPS-EC35AH220403 Datasheet
856Kb / 4P
35mm Size ABC Switch Type
logo
List of Unclassifed Man...
EC35AH220403 ETC-EC35AH220403 Datasheet
144Kb / 4P
Product Change Notice
June 8, 2020
More results

Similar Description - EC35AH

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
HS21PA-2A HIROSE-HS21PA-2A Datasheet
421Kb / 10P
HS SERIES SHELL SIZE 12-35mm TRADITIONAL CONNECTORS
logo
ALPS ELECTRIC CO.,LTD.
EC35B ALPS-EC35B Datasheet
182Kb / 2P
35mm Size Composite Operation Type
logo
List of Unclassifed Man...
HS21PA-2A ETC2-HS21PA-2A Datasheet
492Kb / 10P
HS SERIES SHELL SIZE 12-35mm TRADITIONAL CONNECTORS
DNR-4790 ETC2-DNR-4790 Datasheet
31Kb / 1P
35mm DIN MOUNTING RAIL
HS25PE-10 ETC2-HS25PE-10 Datasheet
492Kb / 10P
HS SERIES SHELL SIZE 12-35mm TRADITIONAL CONNECTORS
logo
ALPS ELECTRIC CO.,LTD.
EC35A ALPS-EC35A Datasheet
1Mb / 3P
35mm Size Ring Type
EC35AH ALPS-EC35AH_15 Datasheet
856Kb / 4P
35mm Size ABC Switch Type
EC35B ALPS-EC35B_15 Datasheet
1Mb / 3P
35mm Size Composite Operation Type
logo
Bel Fuse Inc.
COVER-60-XBC BEL-COVER-60-XBC Datasheet
377Kb / 1P
Cover Kit for use with ABC/MBC40 and ABC/MBC60 Series
COVER-120-XBC BEL-COVER-120-XBC Datasheet
408Kb / 1P
Cover Kit for use with ABC/MBC75 and ABC/MBC120 Series
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com