Electronic Components Datasheet Search
  English  ▼

X  

EM20B Datasheet(PDF) 1 Page - ALPS ELECTRIC CO.,LTD.

Part # EM20B
Description  20mm Size Metal Shaft Magnetic Type
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

EM20B Datasheet(HTML) 1 Page - ALPS ELECTRIC CO.,LTD.

  EM20B Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. EM20B Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. EM20B Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Incremental
Type
Absolute
Type
200
Detector
Push
Slide
Rotary
Encoders
Power
Dual-in-line
Package Type
TACT Switch
TM
Custom-
Products
1. This product uses a Hall IC. Be aware of ESD damages.
2. Custom design for shaft configuration and mount height are available upon request.
Product Line
Notes
5V
±5% DC
500,000rotations
Specifications
Rating
Items
Operating life
Typical Specifications
40
Vertical
7 max.
8
±5
Without
40
Without
With
(Switch
operating
force 6
±3)
Without
With
(Color:
orange
)
15.5
EM20B4000000
Drawing
No.
1
2
3
480
1.3
μsec.
(TYP)
EM20B4010000
16
EM20B4014000
10
EM20B4014A01
Product No.
Minimum
order unit
(pcs.)
Number of
detent
Number
of pulse
Actuator
length
(mm)
Push switch
(N)
Display
function
Response
time
Operating
direction
Torque
(mN・m)
Rotational
torque
Detent
torque
20mm Size Metal Shaft Magnetic Type
EM20B Series
Highly reliable non-contact structure applicable to 31-point LED level indicator mounting.
Encoder
Dimensions
Unit:mm
Style
without switch type
ø4
3
2.4
20
ø21.5
15.5
13
3.9 Snap-in
5.5
C0.5
3.5
1
No.
1
1.8
11.1
6-ø0.6 holes
2.5 4
29. 25˚
B
GA
VB
VA
A
GB
VA, VB
MMM Power supply
GA, GB
MMM Ground
A, B
MMMMMMMM Out put
PC board mounting hole dimensions
(Viewed from mounting side)


Similar Part No. - EM20B

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
EM20B ALPS-EM20B Datasheet
878Kb / 6P
Insulated shaft type with a wide variety of applications
logo
List of Unclassifed Man...
EM20B4014000 ETC-EM20B4014000 Datasheet
144Kb / 4P
Product Change Notice
June 8, 2020
More results

Similar Description - EM20B

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
EC09E ALPS-EC09E Datasheet
176Kb / 2P
9mm Size Metal Shaft Type
EC11 ALPS-EC11 Datasheet
596Kb / 9P
11mm Size Metal Shaft Type
EC20A ALPS-EC20A Datasheet
273Kb / 3P
20mm Size Metal Shaft Type
RK163 ALPS-RK163 Datasheet
278Kb / 6P
16mm Size Metal Shaft Type
RK203 ALPS-RK203 Datasheet
235Kb / 3P
20mm Size Metal Shaft Type
RK27 ALPS-RK27 Datasheet
260Kb / 6P
27mm Size Metal Shaft Type
EC09E ALPS-EC09E_15 Datasheet
764Kb / 4P
9mm Size Metal Shaft Type
EC11 ALPS-EC11_15 Datasheet
1Mb / 14P
11mm Size Metal Shaft Type
EC20A ALPS-EC20A_15 Datasheet
924Kb / 5P
20mm Size Metal Shaft Type
EM11B ALPS-EM11B Datasheet
842Kb / 4P
11mm Size Metal Shaft Magnetic Type
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com