Electronic Components Datasheet Search
  English  ▼

X  

ACE301C09TO+ Datasheet(PDF) 5 Page - ACE Technology Co., LTD.

Part # ACE301C09TO+
Description  High-precision Low Voltage Detector
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE301C09TO+ Datasheet(HTML) 5 Page - ACE Technology Co., LTD.

  ACE301C09TO+ Datasheet HTML 1Page - ACE Technology Co., LTD. ACE301C09TO+ Datasheet HTML 2Page - ACE Technology Co., LTD. ACE301C09TO+ Datasheet HTML 3Page - ACE Technology Co., LTD. ACE301C09TO+ Datasheet HTML 4Page - ACE Technology Co., LTD. ACE301C09TO+ Datasheet HTML 5Page - ACE Technology Co., LTD. ACE301C09TO+ Datasheet HTML 6Page - ACE Technology Co., LTD. ACE301C09TO+ Datasheet HTML 7Page - ACE Technology Co., LTD. ACE301C09TO+ Datasheet HTML 8Page - ACE Technology Co., LTD. ACE301C09TO+ Datasheet HTML 9Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
 
                                                                                                                     
ACE301
                        Technology
High-precision Low Voltage Detector
VER 1.3
5
ACE301C/N34XX + (3.4V)
(Topt=25℃, Unless otherwise specified.)
Reference data
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
-VDET
Detector Threshold
3.332
3.4
3.468
V
VHYS
Detector Threshold Hysteresis
0.068
0.136
0.204
V
ISS
Current Consumption
VDD=5.0V
0.5
1
uA
VDDH
Maximum Operating Voltage
10
V
VDDL
Minimum Operating Voltage
0.5
V
Nch
VDS=0.05V, VDD=0.7V
0.01
0.05
mA
IOUT
Output Current
Pch
VDS=-2.1V, VDD=4.50V
1.0
2.0
mA
TPLH
Output Delay Time
20
uS
ACE301C/N44XX + (4.4V)
(Topt=25℃, Unless otherwise specified.)
Reference data
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
-VDET
Detector Threshold
4.312
4.4
4.488
V
VHYS
Detector Threshold Hysteresis
0.088
0.176
0.264
V
ISS
Current Consumption
VDD=6.4V
0.5
1
uA
VDDH
Maximum Operating Voltage
10
V
VDDL
Minimum Operating Voltage
0.5
V
Nch
VDS=0.05V, VDD=0.7V
0.01
0.05
mA
IOUT
Output Current
Pch
VDS=-2.1V, VDD=8.0V
1.5
3.0
mA
TPLH
Output Delay Time
20
uS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com