Electronic Components Datasheet Search
  English  ▼

X  

HGPJP Datasheet(PDF) 1 Page - ALPS ELECTRIC CO.,LTD.

Part # HGPJP
Description  Latch Output Type
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

HGPJP Datasheet(HTML) 1 Page - ALPS ELECTRIC CO.,LTD.

  HGPJP Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Magnetic
Sensor
Piezo
Sensor
Resistive
Sensor
12
Best suited for rotation mechanism using the small size and high precision latch
output type.
Small size and low profile (1.3G0.9G0.55mm for the MAP Type).
Adoption of high-sensitivity elements contributes to improved
margin in the magnet gap design.
Low consumption current (10BA at VDD=1.8V ).
●
●
●
Features
Detection of rotation speed and rotation direction for motors
and flow meters, etc., as well as dial input of all types of
consumer products, including mobile devices, electronic
home appliances.
●
Applications
Latch Output Type
HGP P Series
Magnetic Sensors
Style
Dimensions
Unit:mm
Package Specifications/Size
Function
Model No.
Operating
magnetic field
Product list
MAP type
1.3
×0.9×0.55mm
SOT23 type
2.9
×2.8×1.1mm
Drive voltage
Typ. 1.8V
Typ. 5V
1-phase alternating output
Sampling period
:1.3m sec
1-phase alternating output
Sampling period
:320Bsec
1-phase alternating output
Sampling period
:35Bsec
HGPJPM001A
HGPHPM001A
HGPFPT001A
Hon:+1mT
Hoff:-1mT
Drive voltage
Sampling period
Current consumption
Typical Specifications
Items
Specifications
HGPJPM
Typ. 1.8V (1.6V min. to 3.6V max.)
1.3m sec
10BA Ave. (at VDD= 1.8V)
HGPHPM
320B sec
35BA Ave. (at VDD= 1.8V)
HGPFPT
Typ. 5V (4.5V min. to 5.5V max.)
35B sec
2mA Ave. (at VDD= 5V)
0.5
0.9
MAP type
2.9
1.9
SOT23 type
MAP type
SOT23 type


Similar Part No. - HGPJP

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
HGPJD ALPS-HGPJD Datasheet
94Kb / 1P
Incremental Encode Output Type
HGPJDM001A ALPS-HGPJDM001A Datasheet
94Kb / 1P
Incremental Encode Output Type
More results

Similar Description - HGPJP

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74VHCT573A ONSEMI-MC74VHCT573A Datasheet
171Kb / 7P
Octal D-Type Latch with 3-State Output
REV 0
logo
Toshiba Semiconductor
TC74ACT373P TOSHIBA-TC74ACT373P Datasheet
283Kb / 7P
OCTAL D-TYPE LATCH WITH 3-STATE OUTPUT
TC74HCT573AP TOSHIBA-TC74HCT573AP Datasheet
232Kb / 6P
OCTAL D-TYPE LATCH WITH 3-STATE OUTPUT
TC74LVX373F TOSHIBA-TC74LVX373F Datasheet
283Kb / 8P
OCTAL D-TYPE LATCH WITH 3-TATE OUTPUT
TC74VHC573F TOSHIBA-TC74VHC573F Datasheet
259Kb / 7P
OCTAL D-TYPE LATCH WITH 3-STATE OUTPUT
TC7MET573AFK TOSHIBA-TC7MET573AFK Datasheet
223Kb / 5P
OCTAL D-TYPE LATCH WITH 3-STATE OUTPUT
TC74AC573P TOSHIBA-TC74AC573P Datasheet
288Kb / 7P
OCTAL D - TYPE LATCH WITH 3 - STATE OUTPUT
TC7MET573AFK TOSHIBA-TC7MET573AFK_07 Datasheet
187Kb / 7P
Octal D-Type Latch with 3-State Output
TC74VHC573F TOSHIBA-TC74VHC573F_07 Datasheet
232Kb / 10P
Octal D-Type Latch with 3-State Output
logo
ON Semiconductor
MC74VHC573 ONSEMI-MC74VHC573_11 Datasheet
149Kb / 9P
Octal D-Type Latch with 3-State Output
May, 2011 ??Rev. 6
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com