Electronic Components Datasheet Search
  English  ▼

X  

HGDFPN021A Datasheet(PDF) 1 Page - ALPS ELECTRIC CO.,LTD.

Part # HGDFPN021A
Description  Switching Output Type
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

HGDFPN021A Datasheet(HTML) 1 Page - ALPS ELECTRIC CO.,LTD.

  HGDFPN021A Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. HGDFPN021A Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
9
Magnetic
Sensor
Piezo
Sensor
Resistive
Sensor
Various product lineup contributes set design flexibility . High precision, compact
and low profile product based on magnetic sensing devices technologies.
Switching Output Type
HGDE
□/HGDF□ Series
Magnetic Sensors
Compact and low-profile (1.3G0.9G0.55mm for the MAP Type).
Low current consumption (3.0BA at VDD=1.8V.).
Various lineups (drive voltage, functions, operating magnetic
field and package specifications).
●
●
●
Features
Detects Open and Close of lids and doors of any industrial
equipments and amusement equipments.
●
Applications
MAP
type
SON
type
SOT23
type
Typical Specifications
Items
3BA Ave.
(at VDD=1.8V)
Current consumption
Typ. 1.8V (1.6V min. to 3.6V max.)
Drive voltage
Specifications
Typ. 1.65mA
(at VDD=5V)
Typ. 5V (4.5V min. to 5.5V max.)
HGDE□
HGDF□
Drive voltage
Package specifications/Size
Operating magnetic field(Hon)
Function
Single polarity/
Single output
2.0mT
3.0mT
2.0mT
3.0mT
2.0mT
3.0mT
2.0mT
3.0mT
2.0mT
3.0mT
2.0mT
3.0mT
2.0mT
3.0mT
2.0mT
3.0mT
Product list
Typ.1.8V
Dual polarity/
Single output
Dual polarity/
Dual output
Single polarity/
Single output
Dual polarity/
Single output
Dual polarity/
Dual output
Single polarity/
Single output
MAP type
1.3
×0.9×0.55mm
Typ.5V
SON type
2.1
×2.1×0.75mm
SON type
2.1
×2.1×0.75mm
SOT23 type
2.9
×2.8×1.1mm
SOT23 type
2.9
×2.8×1.1mm
Dual polarity/
Single output
Model No.
HGDESM022A
HGDESM032A
HGDEPM022A
HGDEPM032A
HGDEDM022A
HGDEDM032A
HGDESN021A
HGDESN031A
HGDEPN021A
HGDEPN031A
HGDEDN021A
HGDEDN031A
HGDEST021A
HGDEST031A
HGDEPT021A
HGDEPT031A
2.0mT
3.0mT
2.0mT
3.0mT
2.0mT
3.0mT
2.0mT
3.0mT
2.0mT
3.0mT
Single polarity/
Single output
Dual polarity/
Single output
Dual polarity/
Dual output
Single polarity/
Single output
Dual polarity/
Single output
HGDFSN021A
HGDFSN031A
HGDFPN021A
HGDFPN031A
HGDFDN021A
HGDFDN031A
HGDFST021A
HGDFST031A
HGDFPT021A
HGDFPT031A


Similar Part No. - HGDFPN021A

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
HGDFPA ALPS-HGDFPA Datasheet
78Kb / 1P
Switching Output Type
HGDFPT021B ALPS-HGDFPT021B Datasheet
747Kb / 18P
Magnetic Sensor
May/20/2019
More results

Similar Description - HGDFPN021A

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M5201L MITSUBISHI-M5201L Datasheet
583Kb / 9P
GENERAL PURPOSE SWITCHING OPERATIONAL AMPLIFIER(DUAL INPUT, SINGLE OUTPUT TYPE)?
logo
Sanken electric
SLA3001M SANKEN-SLA3001M Datasheet
96Kb / 5P
3-Output Dropper/Switching Type
STA801M SANKEN-STA801M Datasheet
82Kb / 6P
2-Output Separate Excitation Switching Type
logo
Sanyo Semicon Device
STK730-010 SANYO-STK730-010 Datasheet
126Kb / 6P
Self-Excitation Type Semi-Regulated Switching Regulator (110W Output)
STK730-020 SANYO-STK730-020 Datasheet
127Kb / 6P
Self-Excitation Type Semi-Regulated Switching Regulator (145W Output)?
STK730-080 SANYO-STK730-080 Datasheet
98Kb / 4P
Self-Excitation Type Semi-Regulated Switching Regulator (210W Output)?
STK73903 SANYO-STK73903 Datasheet
120Kb / 6P
Self-Excitation Type Feedback Control Switching Regulator (180W Output)
STK73904 SANYO-STK73904 Datasheet
121Kb / 6P
Self-Excitation Type Feedback Control Switching Regulator (210W Output)
logo
ALPS ELECTRIC CO.,LTD.
HGDFPA ALPS-HGDFPA Datasheet
78Kb / 1P
Switching Output Type
logo
Sanyo Semicon Device
TN5D01A SANYO-TN5D01A_11 Datasheet
537Kb / 11P
Separately-Excited Step-Down Switching Regulator (Variable Output Type)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com