Electronic Components Datasheet Search
  English  ▼

X  

RDC10 Datasheet(PDF) 3 Page - ALPS ELECTRIC CO.,LTD.

Part # RDC10
Description  Linear Type
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

RDC10 Datasheet(HTML) 3 Page - ALPS ELECTRIC CO.,LTD.

  RDC10 Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. RDC10 Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. RDC10 Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Piezo
Sensor
30
Magnetic
Sensor
Resistive
Sensor
Resistive Sensors
Operating temperature
range
Electric
performance
Mechanical
performance
Durability
Total resistance
tolerance
Resistance
taper
Rated voltage
Max. operating
voltage
Linearity
Effective
variable range
Rotational
angle
Rotational
torque
Operating
force
100,000cycles
1,000,000cycles
200,000cycles
Style
Model
Item
Rotary type
RDC40
RDC80
Linear type
RDC10
RD7
RDC501/RDC502/
RDC503/RDC506
5V DC
18V DC
Product Specifications
Method for Regulating the Linearity
Model RDC80
−30℃ to +85℃
−30℃ to +80℃
18V DC
16V DC
±1%
±2%
±3%
13rotations
320
°
330
°
(1-phase)
360
°
(2-phase)
(Without stopper)
2mN
・m max.
10mN
・m max.
●
●
●
●
●
±30%
Linear
5V DC
−40℃ to +120℃
±0.5%
S
(travel)– 2mm
0.25N max.
−40℃ to +105℃
±20%
12V DC
±1%
S(travel)
2N less.
With rated voltage applied between terminals 1 and 3, the straight
line which connects the measured output values VB and VA at
specified reference positions B and A is assumed to be an ideal
straight line, so that deviation against the ideal straight line when
the voltage applied between terminals 1 and 3 is assumed to be
100
% can be expressed as a percentage.
(Mecha stroke)
Position B
Position A
VA
VB
A
B
Model RDC50
1. Reference taper : 100%
/ 333.3˚
2. Index point is 50% output point
0
0˚
100
±160˚
50
Model RDC40
1. Reference taper : 90%/13rotations
2. VA is measured output value
0
0
5
100
VA
13 rotations
2.The center is in the configuration diagram condition
1.Reference taper : 100% / 340û
4T output
2T output
±165û
±165û
180û(phase difference)
100
0
50
0û
center
Model RDC10/RD7



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com