Electronic Components Datasheet Search
  English  ▼

X  

RDC80 Datasheet(PDF) 4 Page - ALPS ELECTRIC CO.,LTD.

Part # RDC80
Description  Rotary Type
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

RDC80 Datasheet(HTML) 4 Page - ALPS ELECTRIC CO.,LTD.

  RDC80 Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. RDC80 Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. RDC80 Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. RDC80 Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Piezo
Sensor
32
Magnetic
Sensor
Resistive
Sensor
Soldering Conditions
Soldering Conditions
1. Recommended reflow conditions
2 min.max.
4 min.max.
40s max.
Preheat temperature : 150˚C.
Maximum temperature : 250˚C max.
Room temperature
200˚C
Temperature
10s max.
1. When using an infrared reflow oven, solder may not always be applied as intended. Be sure to use a hot air reflow
oven or a type that uses infrared rays in combination with hot air.
2. The temperatures given above are the maximum temperatures at the terminals of the potentiometer when
employing a hot air reflow method. The temperature of the PC board and the surface temperature of the
potentiometer may vary greatly depending on the PC board material, its size and thickness. Ensure that the surface
temperature of the potentiometer does not rise to 250˚C or greater.
3. Conditions vary to some extent depending on the type of reflow bath used. Be sure to give due consideration to this
prior to use.
Notes
2. Cleaning Cleaning should not be attempted.
3. Type of solder to be used Use cream solder that contains 10 - 15 %wt flux.
4. Number of solder applications - apply solder only once
Measurement and Test Methods
〔Total Resistance〕
The total resistance, with the shaft
(lever)placed at the end of terminal 1 or 3, shall be determined by measuring the
resistance between the resistor terminals 1 and 3 unless otherwise specified.
〔Rating Voltage〕
The rating voltage corresponding to the rated power shall be determined by the following equation. When the resulting
rated voltage exceeds the maximum operating voltage of a specific resistor, the maximum operating voltage shall be
taken as the rated voltage.
E=√
−
P
・R
E
:Rated voltage(V)
P
:Rated power(W)
R
:Total nominal resistance(Ω)
Analog Output Contact Type Sensor
Resistive Sensors



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com