Electronic Components Datasheet Search
  English  ▼

X  

RK09L Datasheet(PDF) 2 Page - ALPS ELECTRIC CO.,LTD.

Part # RK09L
Description  9mm Size Metal Shaft Snap-in Type
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

RK09L Datasheet(HTML) 2 Page - ALPS ELECTRIC CO.,LTD.

  RK09L Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. RK09L Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. RK09L Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. RK09L Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD. RK09L Datasheet HTML 5Page - ALPS ELECTRIC CO.,LTD. RK09L Datasheet HTML 6Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
324
Metal
Shaft
Insulated
Shaft
Knob
Operating
Slide
Potentiometers
Rotary
Potentiometers
No.
9mm Size Metal Shaft Snap-in Type
RK09L Series
Dimensions
Photo
Style
PC board mounting
hole dimensions
(Viewed from mounting side)
Unit:mm
Unit:mm
1
2
3
Single-shaft, dual-unit
Horizontal type
RK09L1220(For tone)
RK09L12B0(For vol.)
4
Single-shaft, dual-unit
Vertical type
RK09L1240
(For tone)
RK09L12D0
(For vol.)
10.7
7.45 LB
C0.8
M9×0.75
R1
1
L1
R1
10.7
12
0.9
3
12.1
60
°
Shaft shown in
full C.C.W position
1.1
4.1
5
3-¿1 holes
surface
Mounting
11.3
1.8
5
3-¿1 holes
1.1
3.3
5
2.5
6-¿1 holes
surface
Mounting
11.3
1.8
5
6-¿1 holes
123
60
°
3.5
3.5
Mounting
surface
R1
M9×0.75
10
7.45
C0.8
10.7
12.1
Shaft shown in
full C.C.Wposition
LB
L1
R1
12.4
9.15
C0.8
M9×0.75
R1
R2
1
10.7
12
0.9
3
12.1
60
°
Shaft shown in
full C.C.W position
LB
L1
R1
123
60
°
3.5
3.5
Mounting
surface
R1
R2
M9×0.75
10
9.15
C0.8
10.7
12.1
Shaft shown in
full C.C.Wposition
LB
L1
R1
Single-shaft, single-unit
Horizontal type
RK09L1120
Single-shaft, single-unit
Vertical type
RK09L1140
Dimensions of Bushing and Fixing Lug
0.8
M9G0.75
2
15
20
5
7
7
12
L1
LB
R1
12.5
15
5
5
7
7
20
25
7
7
12
12
L1
LB
R1
15
25
5
7
7
12
L1
LB
R1
15
20
5
7
7
12
L1
LB
R1
Refer to P.325, 326, 502 for resistance taper.
Metal Shaft Potentiometer



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com