Electronic Components Datasheet Search
  English  ▼

X  

ACE301C60TO+ Datasheet(PDF) 11 Page - ACE Technology Co., LTD.

Part # ACE301C60TO+
Description  High-precision Low Voltage Detector
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE301C60TO+ Datasheet(HTML) 11 Page - ACE Technology Co., LTD.

Back Button ACE301C60TO+ Datasheet HTML 7Page - ACE Technology Co., LTD. ACE301C60TO+ Datasheet HTML 8Page - ACE Technology Co., LTD. ACE301C60TO+ Datasheet HTML 9Page - ACE Technology Co., LTD. ACE301C60TO+ Datasheet HTML 10Page - ACE Technology Co., LTD. ACE301C60TO+ Datasheet HTML 11Page - ACE Technology Co., LTD. ACE301C60TO+ Datasheet HTML 12Page - ACE Technology Co., LTD. ACE301C60TO+ Datasheet HTML 13Page - ACE Technology Co., LTD. ACE301C60TO+ Datasheet HTML 14Page - ACE Technology Co., LTD. ACE301C60TO+ Datasheet HTML 15Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
 
                                                                                                                     
ACE301
                        Technology
High-precision Low Voltage Detector
VER 1.3
11
Detector threshold=4.4V
Detector threshold=4.4V
Detector threshold=4.4V
(-40℃)
(25℃)
(70℃)
Input Voltage (V)
Input Voltage (V)
Input Voltage (V)
(2) Supply current VS. Input Voltage
Detector threshold=0.9V
Detector threshold=2.7V
Input Voltage (V)
Input Voltage (V)
Detector threshold=3.0V
Detector threshold=4.4V
Input Voltage (V)
Input Voltage (V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com