Electronic Components Datasheet Search
  English  ▼

X  

LPC1764 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # LPC1764
Description  32-bit ARM Cortex-M3 microcontroller; up to 512 kB flash and 64 kB SRAM with Ethernet, USB 2.0 Host/Device/OTG, CAN
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC1764 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button LPC1764 Datasheet HTML 4Page - NXP Semiconductors LPC1764 Datasheet HTML 5Page - NXP Semiconductors LPC1764 Datasheet HTML 6Page - NXP Semiconductors LPC1764 Datasheet HTML 7Page - NXP Semiconductors LPC1764 Datasheet HTML 8Page - NXP Semiconductors LPC1764 Datasheet HTML 9Page - NXP Semiconductors LPC1764 Datasheet HTML 10Page - NXP Semiconductors LPC1764 Datasheet HTML 11Page - NXP Semiconductors LPC1764 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 66 page
background image
LPC1769_68_67_66_65_64_4
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 04 — 1 February 2010
8 of 66
NXP Semiconductors
LPC1769/68/67/66/65/64
32-bit ARM Cortex-M3 microcontroller
P0[16]/RXD1/
SSEL0/SSEL
63[1]
I/O
P0[16] — General purpose digital input/output pin.
I
RXD1 — Receiver input for UART1.
I/O
SSEL0 — Slave Select for SSP0.
I/O
SSEL — Slave Select for SPI.
P0[17]/CTS1/
MISO0/MISO
61[1]
I/O
P0[17] — General purpose digital input/output pin.
I
CTS1 — Clear to Send input for UART1.
I/O
MISO0 — Master In Slave Out for SSP0.
I/O
MISO — Master In Slave Out for SPI.
P0[18]/DCD1/
MOSI0/MOSI
60[1]
I/O
P0[18] — General purpose digital input/output pin.
I
DCD1 — Data Carrier Detect input for UART1.
I/O
MOSI0 — Master Out Slave In for SSP0.
I/O
MOSI — Master Out Slave In for SPI.
P0[19]/DSR1/
SDA1
59[1]
I/O
P0[19] — General purpose digital input/output pin.
I
DSR1 — Data Set Ready input for UART1.
I/O
SDA1 — I2C1 data input/output (this is not an I2C-bus compliant open-drain pin).
P0[20]/DTR1/SCL1 58[1]
I/O
P0[20] — General purpose digital input/output pin.
O
DTR1 — Data Terminal Ready output for UART1. Can also be configured to be an
RS-485/EIA-485 output enable signal.
I/O
SCL1 — I2C1 clock input/output (this is not an I2C-bus compliant open-drain pin).
P0[21]/RI1/RD1
57[1]
I/O
P0[21] — General purpose digital input/output pin.
I
RI1 — Ring Indicator input for UART1.
I
RD1 — CAN1 receiver input. (LPC1769/68/66/65/64 only).
P0[22]/RTS1/TD1
56[1]
I/O
P0[22] — General purpose digital input/output pin.
O
RTS1 — Request to Send output for UART1. Can also be configured to be an
RS-485/EIA-485 output enable signal.
O
TD1 — CAN1 transmitter output. (LPC1769/68/66/65/64 only).
P0[23]/AD0[0]/
I2SRX_CLK/
CAP3[0]
9[2]
I/O
P0[23] — General purpose digital input/output pin.
I
AD0[0] — A/D converter 0, input 0.
I/O
I2SRX_CLK — Receive Clock. It is driven by the master and received by the
slave. Corresponds to the signal SCK in the I2S-bus specification.
(LPC1769/68/67/66/65 only).
I
CAP3[0] — Capture input for Timer 3, channel 0.
P0[24]/AD0[1]/
I2SRX_WS/
CAP3[1]
8[2]
I/O
P0[24] — General purpose digital input/output pin.
I
AD0[1] — A/D converter 0, input 1.
I/O
I2SRX_WS — Receive Word Select. It is driven by the master and received by the
slave. Corresponds to the signal WS in the I2S-bus specification.
(LPC1769/68/67/66/65 only).
I
CAP3[1] — Capture input for Timer 3, channel 1.
Table 3.
Pin description …continued
Symbol
Pin
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com