Electronic Components Datasheet Search
  English  ▼

X  

PCA9901 Datasheet(PDF) 12 Page - NXP Semiconductors

Part # PCA9901
Description  One wire single LED driver
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9901 Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button PCA9901 Datasheet HTML 8Page - NXP Semiconductors PCA9901 Datasheet HTML 9Page - NXP Semiconductors PCA9901 Datasheet HTML 10Page - NXP Semiconductors PCA9901 Datasheet HTML 11Page - NXP Semiconductors PCA9901 Datasheet HTML 12Page - NXP Semiconductors PCA9901 Datasheet HTML 13Page - NXP Semiconductors PCA9901 Datasheet HTML 14Page - NXP Semiconductors PCA9901 Datasheet HTML 15Page - NXP Semiconductors PCA9901 Datasheet HTML 16Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 27 page
background image
PCA9901_1
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 01 — 3 December 2009
12 of 27
NXP Semiconductors
PCA9901
One wire single LED driver
If the fault condition goes away during normal mode operation, the reference current
circuitry and the LED output stage are again enabled, allowing the PCA9901 to resume
control of the LED output stage (LEDOUT).
A short-circuit condition is detected when the PCA9901's current consumption becomes
higher than 50 mA.
An overtemperature condition is detected when the temperature goes above 125
°C. It
goes away when the temperature goes 15
°C below the overtemperature condition.
8.11 Shutdown mode
Shutdown mode is the low power mode where the internal oscillator, band gap, current
generator and LED driver are turned off to save power, and is the default mode at
power-up.
Shutdown mode is automatically entered after:
• A RUN ONCE sequence has been executed
• A STOP command
• A TRAINING END command
• A RESET command
• A Time-out condition has been detected.
When in Shutdown mode, setting CTRL HIGH immediately exits the Shutdown mode: the
oscillator and the band gap are turned on and it takes up to 1.5 ms for the device to be up
and running and decode the command issued by the host controller.
8.12 Reset
Reset mode is achieved by sending a RESET command and causes all the registers to be
reset to zeroes and the device to go to Shutdown mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com