Electronic Components Datasheet Search
  English  ▼

X  

RK50 Datasheet(PDF) 3 Page - ALPS ELECTRIC CO.,LTD.

Part # RK50
Description  50mm Size Metal Shaft High-quality-audio Type
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

RK50 Datasheet(HTML) 3 Page - ALPS ELECTRIC CO.,LTD.

  RK50 Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. RK50 Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. RK50 Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
322
Metal
Shaft
Insulated
Shaft
Knob
Operating
Slide
Potentiometers
Rotary
Potentiometers
Metal Shaft Potentiometers
Type
Number of drive shafts
Model
Photo
Fixing method of bushing
Terminal mounting
Attached switch
Gang error applicable to
Dual-unit parts for audio
volume control purposes
Page
50mm size
metal shaft high-
quality-audio
20mm size
metal shaft
27mm size
metal shaft
Single-shaft
RK5011
□A
RK203 / EC20A
RK2711
RK1681
□ / MG0
RK2711
□MC0
The bushing can be fastened by use of screws
The bushing can be
fastened by use of screws
Bushing screw clamp
Without
−100dB to 0dB
2dB max.
−40dB to 0dB
3dB max.
358
352
354
360
−60dB to 0dB
3dB max.
−60dB to 0dB
3dB max.
Vertical type
Horizontal type
Rotary motor-driven
350
℃ max. 5s
max.
350
℃ max. 3s max.
Motor terminal : 350
$max 2s max.
350
±10℃, 5s
+1
0
300
℃ max. 3s
max.
260
±5℃, 5±1s
260
±5℃, 5±1s
Manual
soldering
Dip soldering
Reflow soldering
Operating temperature range
−30℃ to +80℃
−10℃ to +70℃
0.05W
0.1W
0.05W
5k
Ω≦R< 10kΩ
70dB min.
10k
Ω≦R< 50kΩ
80dB min.
50k
Ω≦R<100kΩ
90dB min.
100k
Ω≦R
100dB min.
120dB min.
100M
Ω min. 250V DC
100M
Ω min. 500V DC
100M
Ω min. 250V DC
300V AC
for 1minute
300V AC
for 1minute
500V AC for 1minute
0.5
100N max.
0.9
1.5
0.9
150N max.
100N max.
10 to 55 to 10Hz/min., the amplitude is 1.5mm for all the frequencies,
in the 3 direction of X, Y and Z and for 2 hours respectively
85
±2℃ for 192h
Rated power
Residual
resistance
Maximum
attenuation
(Volume
control
)
Insulation
resistance
Voltage proof
Stopper strength
(N・m)
Push-pull strength
Vibration
−40±2℃ for 192h −30±3℃ for 96h −20±3℃ for 240h
−20±2 for 96h
60
±3℃,
90 to 95
%RH for 240h
70
±2℃ for 96h
70
±2℃ for 240h
70
±2℃ for 96h
40
±2℃,
90 to 95
%RH for 96h
60
±2℃,
90
to 95%RH for 240h
40
±2℃,
90
to 95%RH for 96h
Cold
Dry heat
Damp heat
R
≦10kΩ 20Ωmax.
10k
Ω<R≦50kΩ 30Ωmax.
50k
Ω<R
Nominal total resistance of 0.1% or less
5k
Ω≦R<
10k
Ω
70dB min.
10k
Ω≦R<
50k
Ω
80dB min.
50k
Ω≦R<
100k
Ω
90dB min.
100k
Ω≦R
100dB min.
R
≦10kΩ
20
Ωmax.
10k
Ω<R≦50kΩ 30Ωmax.
50k
Ω<R
Nominal total resistance of 0.1% or less
350
℃ max. 5s max.
Motor terminal:350
℃ max. 2s max.
100M
Ω min. 500V DC
500V AC
for 1minute
−30±3℃ for 96h
● Metal Shaft Potentiometers Attached Parts ………………………………………………………………………………363
● Metal Shaft Potentiometers Cautions …………………………………………………………………………………364, 365
List of Varieties



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com