Electronic Components Datasheet Search
  English  ▼

X  

PCF8883 Datasheet(PDF) 14 Page - NXP Semiconductors

Part # PCF8883
Description  Capacitive proximity switch with auto-calibration, large voltage operating range and very low power consumption
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8883 Datasheet(HTML) 14 Page - NXP Semiconductors

Back Button PCF8883 Datasheet HTML 10Page - NXP Semiconductors PCF8883 Datasheet HTML 11Page - NXP Semiconductors PCF8883 Datasheet HTML 12Page - NXP Semiconductors PCF8883 Datasheet HTML 13Page - NXP Semiconductors PCF8883 Datasheet HTML 14Page - NXP Semiconductors PCF8883 Datasheet HTML 15Page - NXP Semiconductors PCF8883 Datasheet HTML 16Page - NXP Semiconductors PCF8883 Datasheet HTML 17Page - NXP Semiconductors PCF8883 Datasheet HTML 18Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
PCF8883_1
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 01 — 16 October 2009
14 of 24
NXP Semiconductors
PCF8883
Capacitive proximity switch with auto-calibration
VDD =6V; Tamb =25 °C.
Fig 11. Switching time (tsw) with respect to capacitor on pin CLIN (CCLIN)
VDD =6V.
Fig 12. Switching time (tsw) with respect to temperature
001aak843
CCLIN (pF)
0
120
80
40
100
150
50
200
250
tsw
(ms)
0
001aak844
Temperature (
°C)
−50
100
50
0
60
65
55
70
75
tsw
(ms)
50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com