Electronic Components Datasheet Search
  English  ▼

X  

SCAK Datasheet(PDF) 1 Page - ALPS ELECTRIC CO.,LTD.

Part # SCAK
Description  Connector for Connection with PC Cards Supporting CardBus
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

SCAK Datasheet(HTML) 1 Page - ALPS ELECTRIC CO.,LTD.

  SCAK Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. SCAK Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. SCAK Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
52
For
SD Memory
Card
For
microSD™
Card
For
SIM Card
8pins
For
W-SIM
For
Memory
Stick Micro™
Combine Type
For
Express
Card™
For
Compact
Flash™
For PC cards
supporting
CardBus
For CMOS
Camera Module
For
Memory
Stick™
Product Line
Mounting system
Stand-off
(mm)
Standard mount
Reverse mount
0
Cover
With
Without
Position of knob
Left
Right
Left
Right
Product No.
Standand
Reverse
SCAK5B7100
SCAK5B7200
SCAK5B7400
SCAK5B7500
SCAK5B7200
SCAK5B7100
SCAK5B7500
SCAK5B7400
Minimum packing
unit (pcs.)
180
Shutter
Without
Mounting system
Stand-off
(mm)
Standard mount
Reverse mount
0
0
Product No.
SCAJ1A1600
SCAJ1B1500
Minimum packing unit (pcs.)
300
Pin header
2 step ejector
1.
※Please place purchase orders in minimum order units.
2. Please contact us for export packing details.
3.
The pin headers and the ejectors are supplied as separate parts. When using them, solder a pin header to a printed
circuit board, assemble an ejector to the pin header and screw it.
Notes
Ejection mechanism:2step
Highly reliable mounting achieved by unique terminal arrangement.
Eject knob can be applied to the left or right side.
Pin header (SCAJ) is provided with an adsorption area
allowing automatic mounting.
●
●
Features
For set top boxes, various PCs and AV equipment
●
Applications
Connector for Connection with PC Cards Supporting CardBus
SCAK/SCAJ Series
Typical Specifications
Items
Specifications
Structure
Applicable media
Mounting method
Performance
Operating
temperature range
Voltage proof
Insulation
resistance(Initial)
Contact
resistance(Initial)
Insertion and
removal cycle
68 pins
1.27mm
Surface mounting type
PC cards which confirm to PC card standard
–20
℃ to +60℃
250V AC 1minute
1,000M
Ω min.
40m
Ω max.
Office environment
:10,000cycles
Outside office environment
:5,000cycles
Contact pitch
Number of contacts


Similar Part No. - SCAK

ManufacturerPart #DatasheetDescription
logo
Riedon Powertron
SCA RIEDON-SCA Datasheet
287Kb / 1P
Precision Metal Film Resistors
logo
Kemet Corporation
SCA KEMET-SCA Datasheet
5Mb / 66P
Aluminum Electrolytic Capacitors
logo
Riedon Powertron
SCA RIEDON-SCA Datasheet
159Kb / 1P
Precision Metal Film Resistors
logo
IET Labs Inc.
SCA IET-SCA Datasheet
198Kb / 3P
Standard Capacitance Reference or Working Standards
Dec. 2022
logo
Semicoa Semiconductor
SCA-005C SEMICOA-SCA-005C Datasheet
194Kb / 3P
Silicon PIN Photodiode
More results

Similar Description - SCAK

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
IC13T-68D-FEJ HIROSE-IC13T-68D-FEJ Datasheet
216Kb / 8P
FPC Connectors for CardBus PC Cards
logo
Micrel Semiconductor
MIC2568 MICREL-MIC2568 Datasheet
116Kb / 10P
Dual-Slot PC Card/CardBus Power Controller
MIC2566 MICREL-MIC2566 Datasheet
83Kb / 10P
Single-Slot PC Card/CardBus Power Controller
logo
Hamamatsu Corporation
C9068 HAMAMATSU-C9068_07 Datasheet
259Kb / 2P
Digital output for connection with PC
logo
Advantech Co., Ltd.
PCM-3115 ADVANTECH-PCM-3115 Datasheet
243Kb / 1P
2-slot CardBus PC/104-Plus Module
logo
MIC GROUP RECTIFIERS
MIC2566 MIC-MIC2566_11 Datasheet
84Kb / 10P
Single-Slot PC Card/CardBus Power Controller Preliminary
MIC2568 MIC-MIC2568 Datasheet
116Kb / 10P
Dual-Slot PC Card/CardBus Power Controller Preliminary
logo
List of Unclassifed Man...
TSXCUSB485 ETC2-TSXCUSB485 Datasheet
46Kb / 1P
connection cord set for PC terminal
990NAA26320 ETC2-990NAA26320 Datasheet
37Kb / 1P
connection cord set for PC terminal
logo
WECO ELECTRICAL CONNECT...
970-FBW-FU-DS WECO-970-FBW-FU-DS Datasheet
72Kb / 1P
Plug connector Screw connection, plugable from the bottom, with supporting ribs
11.17
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com