Electronic Components Datasheet Search
  English  ▼

X  

SCHD Datasheet(PDF) 2 Page - ALPS ELECTRIC CO.,LTD.

Part # SCHD
Description  Connector for microSD??Card (Header Type)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

SCHD Datasheet(HTML) 2 Page - ALPS ELECTRIC CO.,LTD.

  SCHD Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. SCHD Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. SCHD Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
24
For
SD Memory
Card
For
microSD™
Card
For
SIM Card
8pins
For
W-SIM
For
Memory
Stick Micro™
Combine Type
For
Express
Card™
For
Compact
Flash™
For PC cards
supporting
CardBus
For CMOS
Camera Module
For
Memory
Stick™
Pitch 7-1.1
7.6
7.6
6.15
6.15
13.1
3.2
8-0.8
No pattern area
Land area
No parts area
8-0.3
12.5
Pitch 7-1.1
11.1
3.2
14.6
1.6
Dimensions
PC board mounting hole dimensions
(Viewed from the mounting face side)
Unit:mm
Style
Connector for microSD™ Card (Header Type)
SCHD Series



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com