Electronic Components Datasheet Search
  English  ▼

X  

SCHF Datasheet(PDF) 1 Page - ALPS ELECTRIC CO.,LTD.

Part # SCHF
Description  miniSDTM Card Adapter (for microSD??Card)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

SCHF Datasheet(HTML) 1 Page - ALPS ELECTRIC CO.,LTD.

  SCHF Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. SCHF Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
25
For
SD Memory
Card
For
microSD™
Card
For
SIM Card
8pins
For
W-SIM
For
Memory
Stick™
For
Memory
Stick Micro™
Combine Type
For
Express
Card™
For
Compact
Flash™
For PC cards
supporting
CardBus
For CMOS
Camera Module
SCHF1A0100
miniSD
TM Card Adapter (for microSD™ Card)
SCHF Series
Resin body offers high reliability along with twist-resistant robust structure.
General SD card hosts can be used by inserting miniSD™
card into the adaptor.
Unique half-lock structure stops media from flying out
during ejection.
●
●
Features
For digital still cameras, digital camcorders, mobile phones,
PCs and personal digital assistants
●
Applications
microSD™ Card
Manual insertion/removal
500V AC 1minute
Applicable media
Structure
Items
Specifications
Media ejection
structure
Mounting type
Mounting style
−25℃ to +85℃
1,000M
Ω min.
100m
Ω max.
10,000cycles
Operating
temperature range
Performance
Contact resistance
(Initial)
Insertion and
removal cycle
Voltage proof
Insulation resistance
(Initial)
Typical Specifications
Media ejection structure
Manual insertion/removal
Packing system
Tray
Product No.
Product Line


Similar Part No. - SCHF

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
SCHF-17 MINI-SCHF-17 Datasheet
303Kb / 1P
High Pass Filter
SCHF-17+ MINI-SCHF-17+ Datasheet
303Kb / 1P
High Pass Filter
SCHF-25 MINI-SCHF-25 Datasheet
259Kb / 1P
High Pass Filter
SCHF-27 MINI-SCHF-27 Datasheet
517Kb / 3P
High Pass Filter
SCHF-27+ MINI-SCHF-27+ Datasheet
517Kb / 3P
High Pass Filter
More results

Similar Description - SCHF

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
SCHC ALPS-SCHC Datasheet
91Kb / 2P
SD Card Adapter (for microSD??Card)
SCHD ALPS-SCHD Datasheet
102Kb / 3P
Connector for microSD??Card (Header Type)
logo
Transcend Information. ...
TS256MUSD TRANSCEND-TS256MUSD Datasheet
537Kb / 24P
microSD Memory Card
logo
Yamaichi Electronics Co...
PJS008-1000 YAMAICHI-PJS008-1000 Datasheet
102Kb / 1P
microSD Card Adapter (microSD-to-miniSD)
PJS008T-3000-0 YAMAICHI-PJS008T-3000-0 Datasheet
124Kb / 1P
microSD Card Adapter (microSD-to-SD)
PJS008-2100-X YAMAICHI-PJS008-2100-X Datasheet
2Mb / 1P
microSD card connector
logo
List of Unclassifed Man...
AP512MCSD ETC2-AP512MCSD Datasheet
94Kb / 12P
microSD Card
DM3C-SF ETC2-DM3C-SF Datasheet
832Kb / 11P
microSD Card Connectors
logo
SparkFun Electronics
COM-14832 SPARKFUN-COM-14832 Datasheet
427Kb / 2P
microSD Card with Adapter 32GB (Class 10)
7-31-18
COM-14833 SPARKFUN-COM-14833 Datasheet
380Kb / 2P
microSD Card with Adapter 64GB (Class 10)
7-31-18
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com