Electronic Components Datasheet Search
  English  ▼

X  

SCHG Datasheet(PDF) 2 Page - ALPS ELECTRIC CO.,LTD.

Part # SCHG
Description  Combine Type Connector (for SIM Card 8pins, microSDTM Card)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

SCHG Datasheet(HTML) 2 Page - ALPS ELECTRIC CO.,LTD.

  SCHG Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. SCHG Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. SCHG Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
45
For
SD Memory
Card
For
microSD™
Card
For
SIM Card
8pins
For
W-SIM
For
Memory
Stick™
For
Memory
Stick Micro™
Combine Type
For
Express
Card™
For
Compact
Flash™
For PC cards
supporting
CardBus
For CMOS
Camera Module
Combine Type Connector (for SIM Card 8pins, microSD™ Card)
SCHG Series
Dimensions
Unit:mm
Style
No pattern area
Land area
1.5
0.8
7
2-R0.55
2-R
0.2
Hole
Land
9- 0.8
0.555
3.095
5.085
6.085
8
9.295
8.175
1.1
1.8
0.595
1.745
2.895
4.045
5.195
6.85
7.75
PC board mounting hole dimensions
(Viewed from the mounting face side)
PIN ASSIGMENTS
CONNECTOR
PIN No.
PIN
CONNECTOR
PIN No.
PIN
TERMINAL No.
LAYOUT
TERMINAL No.
LAYOUT
No.1
microSD No.1
DAT 2
No.9
SIM No.C1
VCC
No.2
microSD No.2
CD/DAT3
No.10
SIM No.C2
RST
No.3
microSD No.3
CMD
No.11
SIM No.C3
CLK
No.4
microSD No.4
VDD
No.12
SIM No.C4
RESERVED
No.5
microSD No.5
CLK
No.13
SIM No.C5
GND
No.6
microSD No.6
VSS
No.14
SIM No.C6
VPP
No.7
microSD No.7
DAT0
No.15
SIM No.C7
I/O
No.8
microSD No.8
DAT1
No.16
SIM No.C8
RESERVED
SIM CARD
CONNECTOR CENTER
SIM CARD CENTER
CONNECTOR CENTER
microSDª CARD CENTER
microSDª CARD
(0.1)
0.595
1.745
16.2
2.895
4.045
5.195
9-0.4
0.555
3.095
5.085
6.085
9.095
8.995
(3.5)EJECT TRAVEL
(1)OVER TRAVEL
(1.4)
0.5
7
C8
C7
C6
C5
C4
C3
C2
C1
0.8
6.85
No.1
No.2
No.3
No.4
No.5
No.6
No.7
No.8
No.!3
No.9
No.!0
No.!1
No.!4
No.!6
No.!2
No.!5
No.!7
No.!8
C8
C7
C6
C5
C4
C3
C2
C1



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com