Electronic Components Datasheet Search
  English  ▼

X  

SDKG Datasheet(PDF) 2 Page - ALPS ELECTRIC CO.,LTD.

Part # SDKG
Description  5A 250V AC Qualified Primary Input Voltage Selection Type
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

SDKG Datasheet(HTML) 2 Page - ALPS ELECTRIC CO.,LTD.

  SDKG Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. SDKG Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. SDKG Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Rotary
Type
228
Push
Type
Rocker
Type
Slide
Type
Detector
Push
Slide
Rotary
Encoders
Power
Dual-in-line
Package Type
TACT Switch
TM
Custom-
Products
No.
Style
1
2
Dimensions
Unit:mm
V3.2 hole(Mounting part)
Self-tap hole
(Mounting part)
Marking Variety
Terminal Configuration
Lead
With index
1.2
For PC board
DPDT
Unit:mm
12
3
4
5
6
ø3
G1.8 hole
3.8
3
Terminal No.4
6
28
36
42
9
9
Travel
2-ø3.2 holes
15.6
10
0.8
7
A
Refer to the drawings of
terminal style
2-ø2
6
28
26
36
42
9
9
Terminal No.4
Turning stopper
2-ø2.2 holes
Travel
15.6
10
0.8
7
A
Circuit Diagram
(Viewed from Direction A)
5A 250V AC Qualified Primary Input Voltage Selection Type
SDKG Series
Power Switch



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com