Electronic Components Datasheet Search
  English  ▼

X  

SDKH Datasheet(PDF) 1 Page - ALPS ELECTRIC CO.,LTD.

Part # SDKH
Description  5A 250V AC Qualified Primary Input Voltage Selection Type
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

SDKH Datasheet(HTML) 1 Page - ALPS ELECTRIC CO.,LTD.

  SDKH Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. SDKH Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Rotary
Type
229
Push
Type
Rocker
Type
Slide
Type
Detector
Push
Slide
Rotary
Encoders
Power
Dual-in-line
Package Type
TACT Switch
TM
Custom-
Products
5A 250V AC Qualified Primary Input Voltage Selection Type
SDKH Series
SPDT
2 to 15N
6
Snap-in
For PC board
Circuit
arrangement
5A 250V AC
Rating
Operating
force
Travel
(mm)
Mounting
method
Terminal
configuration
2,000
Minimum order
unit
(pcs.)
Product No.
Drawing
No.
1
SDKHA20100
Product Line
1. Safety standard approval must be obtained as a set.
2. Please place purchase orders per minimum order unit(integer).
Notes
For exclusive use in primary input voltage selection with a 2-piece structure
contributing to reducing the size.
Power Switch
Style
Dimensions
Unit:mm
77
25.5
2.2
3-ø
1.5
ho
les
19.5
16.3
16.3
6 travel
77
25.7
8.4
10.8
1
0.6
1.5
3
For PC board
(SPDT)
PC board mounting hole dimensions
Terminal Configuration Unit:mm
t=0.5
1
For PC board
SPDT
Circuit Diagram
a
b
c


Similar Part No. - SDKH

ManufacturerPart #DatasheetDescription
logo
Winchester Electronics ...
SDKH-59-24 WINCHESTER-SDKH-59-24 Datasheet
76Kb / 1P
PL, ANG, HN
SDKH-59-26 WINCHESTER-SDKH-59-26 Datasheet
61Kb / 1P
PLUG, ANGLE, HN
SDKH-59-72 WINCHESTER-SDKH-59-72 Datasheet
88Kb / 1P
HN PLUG
SDKH-59-84 WINCHESTER-SDKH-59-84 Datasheet
74Kb / 1P
PLUG, ANGLE, HN
SDKH-99-09 WINCHESTER-SDKH-99-09 Datasheet
58Kb / 1P
ADAPTER, F-M, N-HN
More results

Similar Description - SDKH

ManufacturerPart #DatasheetDescription
logo
Power-One
MAP130 POWER-ONE-MAP130 Datasheet
243Kb / 4P
Automatic 115/230 Input Voltage Selection
MAP130 POWER-ONE-MAP130_06 Datasheet
146Kb / 4P
Automatic 115/230 Input Voltage Selection
logo
ALPS ELECTRIC CO.,LTD.
SDDJE ALPS-SDDJE Datasheet
182Kb / 5P
10A 250V AC Qualified Type
SDDJF ALPS-SDDJF Datasheet
125Kb / 3P
16A 250V AC Qualified Type
SDKG ALPS-SDKG Datasheet
94Kb / 3P
5A 250V AC Qualified Primary Input Voltage Selection Type
SDKN ALPS-SDKN Datasheet
113Kb / 3P
0.5A 125V AC Qualified Type
SDKP ALPS-SDKP Datasheet
93Kb / 2P
5A 250V AC Qualified Primary Input Voltage Selection Type
SDDJE ALPS-SDDJE_15 Datasheet
1,007Kb / 6P
10A 250V AC Qualified Type
SDDJF ALPS-SDDJF_15 Datasheet
912Kb / 4P
16A 250V AC Qualified Type
SDKN ALPS-SDKN_15 Datasheet
855Kb / 4P
0.5A 125V AC Qualified Type
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com