Electronic Components Datasheet Search
  English  ▼

X  

SDKN Datasheet(PDF) 2 Page - ALPS ELECTRIC CO.,LTD.

Part # SDKN
Description  0.5A 125V AC Qualified Type
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

SDKN Datasheet(HTML) 2 Page - ALPS ELECTRIC CO.,LTD.

  SDKN Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. SDKN Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. SDKN Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
1. This product does not have a water-proof or drip-proof construction. Prevent ingress of water into the switch. Avoid
using around spilt or flowing. It may cause deterioration of the insulation.
2. Do not apply load on the connecter or lead wire
(code)attached to the product. Using the product with load applied
on the connecter/lead wire might cause terminal wobble or contact failures.
3. ON/OFF signal reading
(For DC ratings)
Shall be considered when designing circuit and software as follows.
(1)Setting of thresh voltage
A 4V or larger voltage difference between switch ON and OFF is recommended. Thresh voltage should be set to the
center.
(2)ON/OFF signal reading
ON/OFF signal reading intervals should be at a minimum of 50ms with at least 3 repetitions.
4V
Thresh voltage
0V
min.
50ms min.
Times
1 23
Reading of micro-computer
Cautions
216
Push
Type
Rocker
Type
Slide
Type
Rotary
Type
Detector
Push
Slide
Rotary
Encoders
Power
Dual-in-line
Package Type
TACT Switch
TM
Custom-
Products
25
11.3
11
Total travel
position
Terminal No.1
Terminal No.2
Terminal No.C
1.8
1.7
5.1
1.7
11
Within the ON range of the C-1 circuit
Within the OFF range of the C-2 circuit
Style
No.
2
Mounting hole dimensions
Circuit Diagram
Lever
22.9
Direction of insertion
t=0.8-1.5mm
Connector corresponds to [HLP-03V], manufactured by the J.S.T. Mfg. Co., Ltd.
Note
1
2
C
Verify the performance under actual product conditions before use.
Note
SPDT
Unit:mm
Dimensions
0.5A 125V AC Qualified Type
SDKN Series
Power Switch



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com