Electronic Components Datasheet Search
  English  ▼

X  

SDKP Datasheet(PDF) 1 Page - ALPS ELECTRIC CO.,LTD.

Part # SDKP
Description  5A 250V AC Qualified Primary Input Voltage Selection Type
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

SDKP Datasheet(HTML) 1 Page - ALPS ELECTRIC CO.,LTD.

  SDKP Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. SDKP Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Rotary
Type
230
Push
Type
Rocker
Type
Slide
Type
Detector
Push
Slide
Rotary
Encoders
Power
Dual-in-line
Package Type
TACT Switch
TM
Custom-
Products
5A 250V AC Qualified Primary Input Voltage Selection Type
SDKP Series
Ratings and Safety Standards
UL
CSA
Items
Specifications
SEMKO
Ratings satisfying local electrical
appliance and material safety law
Product Line
5A 250V AC
5A 250V
∼
250V 5A
2
Circuit
arrangement
DPDT
10
N
+10
−5
Right
angle
Operating
force
Travel
(mm)
Mounting
method
Terminal
configuration
Without
With
Without
With
Turn
stopper
Without
marking
Marking
variety
1,000
Minimum order
unit
(pcs.)
Product No.
Drawing
No.
1
2
SDKPA40100
SDKPA40200
1
SDKPA40300
2
SDKPA40400
6
Self-tap
(for M2.6)
Self-tap
(for M3)
Primary voltage changeover switch replacing the SDKG.
Power Switch
Travel
42
36
28
26
6
1.2
Terminal No.4
Terminal No.1
9
7
9
2-ø2.2 or 2-ø2.5 hole
PC board mounting face
2-ø2
A
Travel
42
36
28
6
1.2
Terminal No.4
Terminal No.1
9
7
9
2-ø2.2 or 2-ø2.5 hole
PC board mounting face
A
No.
Style
1
2
Dimensions
Unit:mm
PC board mounting hole
dimensions
6-ø2 holes
9
9
6-ø2 holes
9
9
DPDT
45
6
12
3
Circuit Diagram
(Viewed from Direction A)
Please place purchase orders per minimum order unit(integer).
Note


Similar Part No. - SDKP

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
SDKPA40100 ALPS-SDKPA40100 Datasheet
875Kb / 3P
Primary voltage changeover switch replacing the SDKG
SDKPA40200 ALPS-SDKPA40200 Datasheet
875Kb / 3P
Primary voltage changeover switch replacing the SDKG
SDKPA40300 ALPS-SDKPA40300 Datasheet
875Kb / 3P
Primary voltage changeover switch replacing the SDKG
SDKPA40400 ALPS-SDKPA40400 Datasheet
875Kb / 3P
Primary voltage changeover switch replacing the SDKG
SDKP ALPS-SDKP_15 Datasheet
875Kb / 3P
Primary voltage changeover switch replacing the SDKG
More results

Similar Description - SDKP

ManufacturerPart #DatasheetDescription
logo
Power-One
MAP130 POWER-ONE-MAP130 Datasheet
243Kb / 4P
Automatic 115/230 Input Voltage Selection
MAP130 POWER-ONE-MAP130_06 Datasheet
146Kb / 4P
Automatic 115/230 Input Voltage Selection
logo
ALPS ELECTRIC CO.,LTD.
SDDJE ALPS-SDDJE Datasheet
182Kb / 5P
10A 250V AC Qualified Type
SDDJF ALPS-SDDJF Datasheet
125Kb / 3P
16A 250V AC Qualified Type
SDKG ALPS-SDKG Datasheet
94Kb / 3P
5A 250V AC Qualified Primary Input Voltage Selection Type
SDKH ALPS-SDKH Datasheet
85Kb / 2P
5A 250V AC Qualified Primary Input Voltage Selection Type
SDKN ALPS-SDKN Datasheet
113Kb / 3P
0.5A 125V AC Qualified Type
SDDJE ALPS-SDDJE_15 Datasheet
1,007Kb / 6P
10A 250V AC Qualified Type
SDDJF ALPS-SDDJF_15 Datasheet
912Kb / 4P
16A 250V AC Qualified Type
SDKN ALPS-SDKN_15 Datasheet
855Kb / 4P
0.5A 125V AC Qualified Type
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com