Electronic Components Datasheet Search
  English  ▼

X  

SDKS Datasheet(PDF) 1 Page - ALPS ELECTRIC CO.,LTD.

Part # SDKS
Description  Explosion-prevention Standards Qualified Type
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

SDKS Datasheet(HTML) 1 Page - ALPS ELECTRIC CO.,LTD.

  SDKS Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. SDKS Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. SDKS Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
217
Push
Type
Rocker
Type
Slide
Type
Rotary
Type
Detector
Push
Slide
Rotary
Encoders
Power
Dual-in-line
Package Type
TACT Switch
TM
Custom-
Products
Explosion-prevention Standards Qualified Type
SDKS Series
Ratings and Safety Standards
C-UL-US
Items
Specifications
SEMKO
Ratings satisfying local electrical
appliance and materical safety law
Product Line
2A 250V AC, 4A 125V AC
2A 250V to
μ
125V 4A
2
Circuit
arrangement
SPST
SPDT
Snap-in
Mounting
method
Total travel
(mm)
Operating
force
320
Minimum order
unit
(pcs.)
Product No.
SDKSA10100
SDKSA20100
14.6
2.5
±1.5N
Drawing No.
1
2
●“Microgap construction”defined in the IEC standard.
Explosion Protection Standards (Chinese and European) approved power switch
mountable to CFC-free refrigerators.
Power Switch
Terminal No.c
Terminal No.1
(35
゚)
27
14
9.65
3.2
8.4
9.9
6
20.1
2-0.5
29.8
Within the OFF range
Can be used as a terminal #187.
Style
Mounting hole dimensions
Dimensions
Unit:mm
A
27.55
SPST
Panel thickness
A
B
1
23.8
21.35
2.54
24.3
21.6
No.
1
Please place purchase orders per minimum orders unit(integer).
Note


Similar Part No. - SDKS

ManufacturerPart #DatasheetDescription
logo
Winchester Electronics ...
SDKS-89-05 WINCHESTER-SDKS-89-05 Datasheet
47Kb / 1P
K-GRIP ADAPTER
More results

Similar Description - SDKS

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMTH10H030LK3 DIODES-DMTH10H030LK3 Datasheet
609Kb / 7P
Qualified to AEC-Q101 Standards for High Reliability
Rev 1
BS107P DIODES-BS107P Datasheet
658Kb / 5P
Qualified to AEC-Q101 Standards for High Reliability
Rev 3
DMG7401SFG DIODES-DMG7401SFG Datasheet
269Kb / 6P
Qualified to AEC-Q101 Standards for High Reliability
Rev 11
DMG7408SFG DIODES-DMG7408SFG Datasheet
157Kb / 6P
Qualified to AEC-Q101 Standards for High Reliability
Rev 5
DMN10H099SFG DIODES-DMN10H099SFG Datasheet
265Kb / 6P
Qualified to AEC-Q101 Standards for High Reliability
Rev 2
DMN10H120SFG DIODES-DMN10H120SFG Datasheet
247Kb / 6P
Qualified to AEC-Q101 Standards for High Reliability
Rev 2
DMN2023UCB4 DIODES-DMN2023UCB4 Datasheet
608Kb / 8P
Qualified to AEC-Q101 Standards for High Reliability
Rev 10
DMN2300U DIODES-DMN2300U Datasheet
157Kb / 7P
Qualified to AEC-Q101 Standards for High Reliability
Rev 2
DMN6013LFG DIODES-DMN6013LFG Datasheet
333Kb / 6P
Qualified to AEC-Q101 Standards for High Reliability
Rev 1
DMN6070SFCL DIODES-DMN6070SFCL Datasheet
295Kb / 5P
Qualified to AEC-Q101 standards for High Reliability
Rev 3
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com