Electronic Components Datasheet Search
  English  ▼

X  

SDKZ1F0200 Datasheet(PDF) 1 Page - ALPS ELECTRIC CO.,LTD.

Part # SDKZ1F0200
Description  Rotary Type Power Switch with Encorder
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

SDKZ1F0200 Datasheet(HTML) 1 Page - ALPS ELECTRIC CO.,LTD.

  SDKZ1F0200 Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. SDKZ1F0200 Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. SDKZ1F0200 Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. SDKZ1F0200 Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
232
Push
Type
Rocker
Type
Slide
Type
Rotary
Type
Detector
Push
Slide
Rotary
Encoders
Power
Dual-in-line
Package Type
TACT Switch
TM
Custom-
Products
Rotary type power switch with encoder.
Ratings and Safety Standards
Max rating
(Power)
Items
Specifications
Operating
(Power)
Max rating
(Encorder)
Contact resistance
(Encorder)
initial/after life test
Operating life
(Encorder)
16(6)A 250V AC
14(6)A 250V AC
10,000cycles
0.1A 12V DC
1
Ω max./1Ω max.
30,000cycles
Circuit
arrangement
Other
positions
Operating
direction
Product No.
Drawing
No.
DPST
10
±3N
6
±3N
7.5
±3N
10
±3N
7.5
±3N
10
±3N
From
"OFF"position
on to
"ON"position
Torque
14
±3N
12
±3N
14
±3N
Positions
15
16
19
21
24
25
Vertical
Mounting
method
For PC
board
Terminal
style
straight
Minimum order
unit
(pcs.)
288
SDKZ1F0200
SDKZ1G0200
SDKZ1K0200
SDKZ1M0200
SDKZ1Q0200
SDKZ1R0200
1
2
■ Product Line
Rotary Type Power Switch with Encorder
SDKZ Series
Power Switch
Please place purchase orders per minimum order unit(integer).
Note


Similar Part No. - SDKZ1F0200

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
SDKZ1F0200 ALPS-SDKZ1F0200 Datasheet
918Kb / 5P
Rotary type power switch with encoder
More results

Similar Description - SDKZ1F0200

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
SBX1601A SONY-SBX1601A Datasheet
877Kb / 24P
Serial Interface/Transmission Encorder
SBX1602A SONY-SBX1602A Datasheet
1Mb / 27P
Serial Interface/Transmission Encorder
logo
ALPS ELECTRIC CO.,LTD.
RDC40 ALPS-RDC40 Datasheet
271Kb / 6P
Rotary Type
logo
Omron Electronics LLC
A6RV OMRON-A6RV Datasheet
1Mb / 6P
Rotary DIP Switch
logo
ALPS ELECTRIC CO.,LTD.
SDKZ ALPS-SDKZ_15 Datasheet
918Kb / 5P
Rotary type power switch with encoder
logo
OEN India Limited
OENCK OENINDIA-OENCK Datasheet
709Kb / 2P
MINIATURE ROTARY SWITCH
logo
CUI INC
RDS-74R-254 CUI-RDS-74R-254 Datasheet
376Kb / 4P
ROTARY DIP SWITCH
RDS-74385-45A-SMT CUI-RDS-74385-45A-SMT Datasheet
459Kb / 5P
ROTARY DIP SWITCH
logo
Lorlin Electronics Ltd.
BCK LORLIN-BCK Datasheet
711Kb / 2P
ROTARY SWITCH
RAL LORLIN-RAL Datasheet
1Mb / 4P
RAL LOCK SWITCH WITH A ROTARY SWITCH MODULE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com